Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129MDREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA129MDREP
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129MDREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA129MDREP Datasheet HTML 7Page - Texas Instruments INA129MDREP Datasheet HTML 8Page - Texas Instruments INA129MDREP Datasheet HTML 9Page - Texas Instruments INA129MDREP Datasheet HTML 10Page - Texas Instruments INA129MDREP Datasheet HTML 11Page - Texas Instruments INA129MDREP Datasheet HTML 12Page - Texas Instruments INA129MDREP Datasheet HTML 13Page - Texas Instruments INA129MDREP Datasheet HTML 14Page - Texas Instruments INA129MDREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
10kW
OPA177
100W
100W
1/2 REF200
1/2 REF200
V+
R
G
INA129
Ref
V
O
V
IN
V
IN
+
10mV
±
Adjustment Range
V-
100 A
m
100 A
m
-
INA129-EP
www.ti.com
SBOS508 – DECEMBER 2009
Noise Performance
The INA129 provides very low noise in most applications. Low frequency noise is approximately 0.2
μVPP
measured from 0.1 Hz to 10 Hz (G
≥ 100). This provides dramatically improved noise when compared to
state-of-the-art chopper-stabilized amplifiers.
Offset Trimming
The INA129 is laser trimmed for low offset voltage and offset voltage drift. Most applications require no external
offset adjustment. Figure 24 shows an optional circuit for trimming the output offset voltage. The voltage applied
to Ref terminal is summed with the output. The operational amplifier buffer provides low impedance at the Ref
terminal to preserve good common-mode rejection.
Figure 24. Optional Trimming of Output Offset Voltage
Input Bias Current Return Path
The input impedance of the INA129 is extremely high (approximately 1010
Ω). However, a path must be provided
for the input bias current of both inputs. This input bias current is approximately ±2 nA. High input impedance
means that this input bias current changes very little with varying input voltage.
Input circuitry must provide a path for this input bias current for proper operation. Figure 25 shows various
provisions for an input bias current path. Without a bias current path, the inputs will float to a potential which
exceeds the common-mode range, and the input amplifiers will saturate.
If the differential source resistance is low, the bias current return path can be connected to one input (see the
thermocouple example in Figure 25). With higher source impedance, using two equal resistors provides a
balanced input with possible advantages of lower input offset voltage due to bias current and better
high-frequency common-mode rejection.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): INA129-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com