Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129MDREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA129MDREP
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129MDREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA129MDREP Datasheet HTML 2Page - Texas Instruments INA129MDREP Datasheet HTML 3Page - Texas Instruments INA129MDREP Datasheet HTML 4Page - Texas Instruments INA129MDREP Datasheet HTML 5Page - Texas Instruments INA129MDREP Datasheet HTML 6Page - Texas Instruments INA129MDREP Datasheet HTML 7Page - Texas Instruments INA129MDREP Datasheet HTML 8Page - Texas Instruments INA129MDREP Datasheet HTML 9Page - Texas Instruments INA129MDREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Output Voltage (V)
5
4
3
2
1
0
0
G=1
G=1
G ≥ 10
G ≥ 10
G ≥ 10
G=1
1
2
3
4
5
-1
-2
-3
-4
-5
VS = ±2.5V
VS = ±5V
1
2
3
4
5
Output Voltage (V)
0
15
10
5
0
10
G=1
G = 1
G ≥ 10
G ≥ 10
VD/2
+
+
VCM
V
V
O
D/2
Ref
-15V
+15V
-10
-15
5
10
15
-5
5
15
Gain (V/V)
100
10
1
0.01%
0.1%
1
10
100
1000
Frequency (Hz)
1
10
100
1k
100
10
1
10k
G = 1V / V
G =10V/V
100
10
1
0.1
Current Noise
G =100, 1000V/V
1k
INA129-EP
SBOS508 – DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, VS = ±15 V, unless otherwise noted.
INPUT COMMON-MODE RANGE
INPUT COMMON-MODE RANGE
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
(VS = ±15 V)
(VS = ±5 V, ±2.5 V)
Figure 5.
Figure 6.
INPUT-REFERRED NOISE
SETTLING TIME
vs
vs
FREQUENCY
GAIN
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): INA129-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com