Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129MDREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA129MDREP
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129MDREP Datasheet(HTML) 4 Page - Texas Instruments

  INA129MDREP Datasheet HTML 1Page - Texas Instruments INA129MDREP Datasheet HTML 2Page - Texas Instruments INA129MDREP Datasheet HTML 3Page - Texas Instruments INA129MDREP Datasheet HTML 4Page - Texas Instruments INA129MDREP Datasheet HTML 5Page - Texas Instruments INA129MDREP Datasheet HTML 6Page - Texas Instruments INA129MDREP Datasheet HTML 7Page - Texas Instruments INA129MDREP Datasheet HTML 8Page - Texas Instruments INA129MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
INA129-EP
SBOS508 – DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = 25°C, VS = ±15 V, RL = 10 kΩ (unless otherwise noted)
Boldface limits apply over the specified temperature range, TA = –55°C to 125°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain vs temperature(2)
G = 1
±1
±10
ppm/°C
49.4-k
Ω resistance(2) (3)
±25
±100
ppm/°C
VO = ±13.6 V,
±0.0001
±0.0018
G = 1
Over temperature
±0.0035
G = 10
±0.0003
±0.0035
Nonlinearity
% of FSR
Over temperature
±0.0055
G = 100
±0.0005
±0.0035
Over temperature
±0.0055
G = 1000
±0.001
See (4)
OUTPUT
Positive
RL = 10 kΩ
(V+)
− 1.4
(V+)
− 0.9
Voltage
V
Negative
RL = 10 kΩ
(V
−) + 1.4
(V
−) + 0.8
Load capacitance stability
1000
pF
Short-curcuit current
+6/
−15
mA
FREQUENCY RESPONSE
G = 1
1300
G = 10
700
Bandwidth,
−3 dB
kHz
G = 100
200
G = 1000
20
VO = ±10 V,
Slew rate
4
V/µs
G = 10
G = 1
7
G = 10
7
Settling time, 0.01%
µs
G = 100
9
G = 1000
80
Overload recovery
50% overdrive
4
µs
POWER SUPPLY
Voltage range
±2.25
±15
±18
V
VIN = 0 V
±700
±750
Current, total
µA
Over temperature
±1200
TEMPERATURE RANGE
Specification
−55
125
°C
Operating
−55
125
°C
8-pin DIP
80
θJA
°C/W
SO-8 SOIC
150
(2)
Specified by wafer test.
(3)
Temperature coefficient of the 49.4-k
Ω term in the gain equation.
(4)
Nonlinearity measurements in G = 1000 are dominated by noise. Typical nonlinearity is ±0.001%.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): INA129-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com