Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129MDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA129MDREP
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129MDREP Datasheet(HTML) 1 Page - Texas Instruments

  INA129MDREP Datasheet HTML 1Page - Texas Instruments INA129MDREP Datasheet HTML 2Page - Texas Instruments INA129MDREP Datasheet HTML 3Page - Texas Instruments INA129MDREP Datasheet HTML 4Page - Texas Instruments INA129MDREP Datasheet HTML 5Page - Texas Instruments INA129MDREP Datasheet HTML 6Page - Texas Instruments INA129MDREP Datasheet HTML 7Page - Texas Instruments INA129MDREP Datasheet HTML 8Page - Texas Instruments INA129MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
R
G
V-
IN
V+
IN
V-
V+
V
O
Ref
1
2
3
4
8
7
6
5
R
G
D PACKAGE
(TOP VIEW)
INA129-EP
www.ti.com
SBOS508 – DECEMBER 2009
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
Check for Samples: INA129-EP
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE
AND MEDICAL APPLICATIONS
•
Low Offset Voltage
•
Controlled Baseline
•
Low Input Bias Current
•
One Assembly/Test Site
•
High CMR
•
One Fabrication Site
•
Inputs Protected to ±40 V
•
Available in Military (–55°C/125°C)
•
Wide Supply Range: ±2.25 V to ±18 V
Temperature Range(1)
•
Low Quiescent Current
•
Extended Product Life Cycle
•
Extended Product-Change Notification
APPLICATIONS
•
Product Traceability
•
Bridge Amplifier
•
Thermocouple Amplifier
•
RTD Sensor Amplifier
•
Medical Instrumentation
•
Data Acquisition
(1)
Custom temperature ranges available
DESCRIPTION
The INA129 is a low power, general purpose instrumentation amplifier offering excellent accuracy. The versatile
3-op amp design and small size make it ideal for a wide range of applications. Current-feedback input circuitry
provides wide bandwidth even at high gain (200 kHz at G = 100).
A single external resistor sets any gain from 1 to 10,000. The INA129 provides an industry-standard gain
equation; the INA129 gain equation is compatible with the AD620.
The INA129 is laser trimmed for very low offset voltage, drift and high common-mode rejection (113 dB at
G
≥ 100). It operates with power supplies as low as ±2.25 V, and quiescent current is only 750 μA - ideal for
battery operated systems. Internal input protection can withstand up to ±40 V without damage.
The INA129 is available in an SO-8 surface-mount package specified for the –55°C to 125°C temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA129MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA129MDREP TI1-INA129MDREP Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
INA129MDREP TI2-INA129MDREP Datasheet
868Kb / 27P
INA129-EP Precision, Low Power Instrumentation Amplifiers
REVISED DECEMBER 2015
INA129MDREP.A TI2-INA129MDREP.A Datasheet
868Kb / 27P
INA129-EP Precision, Low Power Instrumentation Amplifiers
REVISED DECEMBER 2015
More results

Similar Description - INA129MDREP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
Precision, Low Power INSTRUMENTATION AMPLIFIER
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Texas Instruments
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
INA128 TI1-INA128_15 Datasheet
1Mb / 29P
INA12x Precision, Low Power Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com