Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129MDREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA129MDREP
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129MDREP Datasheet(HTML) 5 Page - Texas Instruments

  INA129MDREP Datasheet HTML 1Page - Texas Instruments INA129MDREP Datasheet HTML 2Page - Texas Instruments INA129MDREP Datasheet HTML 3Page - Texas Instruments INA129MDREP Datasheet HTML 4Page - Texas Instruments INA129MDREP Datasheet HTML 5Page - Texas Instruments INA129MDREP Datasheet HTML 6Page - Texas Instruments INA129MDREP Datasheet HTML 7Page - Texas Instruments INA129MDREP Datasheet HTML 8Page - Texas Instruments INA129MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
−
60
50
40
30
20
10
0
10
20
Frequency (Hz)
1k
G = 100V/V
G = 10V/V
G = 1V/V
G = 1000V/V
−
10k
100k
1M
10M
Frequency (Hz)
10
140
120
100
80
60
40
20
0
100k
G =1V/V
G =10V/V
G =100V/V
G =1000V/V
100
1k
10k
1M
Frequency (Hz)
140
120
100
80
60
40
20
0
10
G =100V/V
G =1000V/V
G=1V/V
G= 10V/V
100k
100
1k
10k
1M
Frequency (Hz)
140
120
100
80
60
40
20
0
10
G =100V/V
G = 1000V/V
G=1V/V
G=10V/V
INA129-EP
www.ti.com
SBOS508 – DECEMBER 2009
TYPICAL CHARACTERISTICS
At TA = 25°C, VS = ±15 V, unless otherwise noted.
GAIN
COMMON-MODE REJECTION
vs
vs
FREQUENCY
FREQUENCY
Figure 1.
Figure 2.
POSITIVE POWER SUPPLY REJECTION
NEGATIVE POWER SUPPLY REJECTION
vs
vs
FREQUENCY
FREQUENCY
Figure 3.
Figure 4.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): INA129-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com