Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129MDREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA129MDREP
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129MDREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA129MDREP Datasheet HTML 3Page - Texas Instruments INA129MDREP Datasheet HTML 4Page - Texas Instruments INA129MDREP Datasheet HTML 5Page - Texas Instruments INA129MDREP Datasheet HTML 6Page - Texas Instruments INA129MDREP Datasheet HTML 7Page - Texas Instruments INA129MDREP Datasheet HTML 8Page - Texas Instruments INA129MDREP Datasheet HTML 9Page - Texas Instruments INA129MDREP Datasheet HTML 10Page - Texas Instruments INA129MDREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
0.85
0.8
0.75
0.7
0.65
0 6
6
5
4
3
2
1
I
Q
Slew Rate
Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
5
4
3
2
1
0
Input Voltage (V)
G = 1 V / V
G = 1V / V
G = 1000V/V
G = 1000V/V
VIN
IIN
+15V
Flat region represents
normal linear operation.
1
2
3
4
5
-50
15V
-40
-30
-20
-10
0
10
20
30
40
50
10
8
6
4
2
0
0
100
200
300
400
500
-2
-4
-6
-8
-10
Time (ms)
2
1
0
0
I
OS
I
B
-25
-50
-75
1
2
Temperature (°C)
Typical IB and IOS
Range ±2nA at 25°C
25
50
75
100
125
INA129-EP
www.ti.com
SBOS508 – DECEMBER 2009
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, VS = ±15 V, unless otherwise noted.
QUIESCENT CURRENT AND SLEW RATE
vs
TEMPERATURE
INPUT OVER-VOLTAGE V/I CHARACTERISTICS
Figure 9.
Figure 10.
INPUT BIAS CURRENT
vs
INPUT OFFSET VOLTAGE WARM-UP
TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): INA129-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com