Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA149AMDREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA149AMDREP
Description  HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA149AMDREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA149AMDREP Datasheet HTML 12Page - Texas Instruments INA149AMDREP Datasheet HTML 13Page - Texas Instruments INA149AMDREP Datasheet HTML 14Page - Texas Instruments INA149AMDREP Datasheet HTML 15Page - Texas Instruments INA149AMDREP Datasheet HTML 16Page - Texas Instruments INA149AMDREP Datasheet HTML 17Page - Texas Instruments INA149AMDREP Datasheet HTML 18Page - Texas Instruments INA149AMDREP Datasheet HTML 19Page - Texas Instruments INA149AMDREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
+
20 kΩ
380 kΩ
380 kΩ
380 kΩ
19 kΩ
−15 V
15 V
4
7
2
3
1
6
5
−IN
+IN
VOUT = (+IN) − (−IN)
+
15 V
−15 V
100 Ω
100 Ω
100 µA
½ REF200
100 µA
½ REF200
10 kΩ
(1)
INA149-EP
SBOS608A – MARCH 2012 – REVISED APRIL 2012
www.ti.com
COMMON-MODE REJECTION
Common-mode rejection (CMR) of the INA149 depends on the input resistor network, which is laser-trimmed for
accurate ratio matching. To maintain high CMR, it is important to have low source impedance driving the two
inputs. A 75-
Ω resistance in series with pins 2 or 3 decreases the common-mode rejection ratio (CMRR) from
100 dB (typical) to 74 dB.
Resistance in series with the reference pins also degrades CMR. A 4-
Ω resistance in series with pins 1 or 5
decreases CMRR from 100 dB to 74 dB.
Most applications do not require trimming. Figure 46 shows an optional circuit that may be used for trimming
offset voltage and common-mode rejection.
(1) The OPA171 (a 36-V, low-power, RRO, general-purpose operational amplifier) can be used for this application.
Figure 46. Offset Voltage Trim Circuit
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA149-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com