Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA149AMDREP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA149AMDREP
Description  HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA149AMDREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA149AMDREP Datasheet HTML 13Page - Texas Instruments INA149AMDREP Datasheet HTML 14Page - Texas Instruments INA149AMDREP Datasheet HTML 15Page - Texas Instruments INA149AMDREP Datasheet HTML 16Page - Texas Instruments INA149AMDREP Datasheet HTML 17Page - Texas Instruments INA149AMDREP Datasheet HTML 18Page - Texas Instruments INA149AMDREP Datasheet HTML 19Page - Texas Instruments INA149AMDREP Datasheet HTML 20Page - Texas Instruments INA149AMDREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
+
20 kΩ
380 kΩ
380 kΩ
380 kΩ
19 kΩ
V−
V+
4
7
2
3
1
6
5
VO = RS × IDUT+
RS
Device
Under
Test
IDUT+
(+275 V max)
+VS
+
20 kΩ
380 kΩ
380 kΩ
380 kΩ
19 kΩ
V−
V+
4
7
2
3
1
6
5
RS
RC
(1)
IDUT−
−VS
(−275 V max)
VO = RS × IDUT−
RC
(1)
INA149-EP
www.ti.com
SBOS608A – MARCH 2012 – REVISED APRIL 2012
MEASURING CURRENT
The INA149 can be used to measure a current by sensing the voltage drop across a series resistor, RS.
Figure 47 shows the INA149 used to measure the supply currents of a device under test.
The sense resistor imbalances the input resistor matching of the INA149, thus degrading its CMR. Also, the input
impedance of the INA149 loads RS, causing gain error in the voltage-to-current conversion. Both of these errors
can be easily corrected.
The CMR error can be corrected with the addition of a compensation resistor (RC), equal to the value of RS, as
shown in Figure 47. If RS is less than 5 Ω, degradation in the CMR is negligible and RC can be omitted. If RS is
larger than approximately 1 k
Ω, trimming RC may be required to achive greater than 84-dB CMR. This error is
caused by the INA149 input impedance mismatch.
Figure 47. Measuring Supply Currents of a Device Under Test
If RS is more than approximately 50 Ω, the gain error is greater than the 0.02% specification of the INA149. This
gain error can be corrected by slightly increasing the value of RS. The corrected value (RS') can be calculated by
RS' = RS × 380 kΩ/(380 kΩ – RS)
(3)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): INA149-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com