Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA149AMDREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA149AMDREP
Description  HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA149AMDREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA149AMDREP Datasheet HTML 5Page - Texas Instruments INA149AMDREP Datasheet HTML 6Page - Texas Instruments INA149AMDREP Datasheet HTML 7Page - Texas Instruments INA149AMDREP Datasheet HTML 8Page - Texas Instruments INA149AMDREP Datasheet HTML 9Page - Texas Instruments INA149AMDREP Datasheet HTML 10Page - Texas Instruments INA149AMDREP Datasheet HTML 11Page - Texas Instruments INA149AMDREP Datasheet HTML 12Page - Texas Instruments INA149AMDREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
−5
−4
−3
−2
−1
0
1
2
3
4
5
Output Voltage (V)
VS = ±5 V
VS = ±5 V
VS = ±5 V
VS = ±2.5 V
RL = 10 kΩ
RL = 2 kΩ
RL = 1 kΩ
RL = 1 kΩ
G006
−10
−8
−6
−4
−2
0
2
4
6
8
10
−12 −10 −8
−6
−4
−2
0
2
4
6
8
10
12
Output Voltage (V)
VS = ±15 V
RL = 10 kΩ
G014
−10
−8
−6
−4
−2
0
2
4
6
8
10
−12 −10 −8
−6
−4
−2
0
2
4
6
8
10
12
Output Voltage (V)
VS = ±15 V
RL = 2 kΩ
G015
−10
−8
−6
−4
−2
0
2
4
6
8
10
−12 −10 −8
−6
−4
−2
0
2
4
6
8
10
12
Output Voltage (V)
VS = ±15 V
RL = 1 kΩ
G016
−10
−8
−6
−4
−2
0
2
4
6
8
10
−12 −10 −8
−6
−4
−2
0
2
4
6
8
10
12
Output Voltage (V)
VS = ±12 V
RL = 10 kΩ
G062
−20
−15
−10
−5
0
5
10
15
20
0
5
10
15
20
25
30
35
Output Current (mA)
−45°C
+25°C
+85°C
+130°C
G017
INA149-EP
www.ti.com
SBOS608A – MARCH 2012 – REVISED APRIL 2012
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 2 kΩ connected to ground, and VS = ±15 V, unless otherwise noted.
TYPICAL GAIN ERROR FOR LOW SUPPLY VOLTAGES
(Curves Offset for Clarity)
GAIN NONLINEARITY
Figure 8.
Figure 9.
GAIN NONLINEARITY
GAIN NONLINEARITY
Figure 10.
Figure 11.
GAIN NONLINEARITY
OUTPUT VOLTAGE vs LOAD CURRENT
Figure 12.
Figure 13.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): INA149-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com