Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA149AMDREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA149AMDREP
Description  HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA149AMDREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA149AMDREP Datasheet HTML 6Page - Texas Instruments INA149AMDREP Datasheet HTML 7Page - Texas Instruments INA149AMDREP Datasheet HTML 8Page - Texas Instruments INA149AMDREP Datasheet HTML 9Page - Texas Instruments INA149AMDREP Datasheet HTML 10Page - Texas Instruments INA149AMDREP Datasheet HTML 11Page - Texas Instruments INA149AMDREP Datasheet HTML 12Page - Texas Instruments INA149AMDREP Datasheet HTML 13Page - Texas Instruments INA149AMDREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
−80
−60
−40
−20
0
20
100
1k
10k
100k
1M
10M
Frequency (Hz)
25 °C
−40 °C
125 °C
G010
400
500
600
700
800
900
1000
1
10
100
1k
10k
100k
Frequency (Hz)
G008
−50
−50
Time (10 s/div)
G070
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1k
10k
100k
Frequency (Hz)
−40°C
+25°C
+125°C
G009
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1k
10k
100k
Frequency (Hz)
−40°C
+25°C
+125°C
G064
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
−60 −40 −20
0
20
40
60
80
100 120 140 160
Ambient Temperature (°C)
G013
INA149-EP
SBOS608A – MARCH 2012 – REVISED APRIL 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 2 kΩ connected to ground, and VS = ±15 V, unless otherwise noted.
GAIN vs FREQUENCY
NOISE SPECTRAL DENSITY vs FREQUENCY
Figure 14.
Figure 15.
0.01 Hz TO 10 Hz NOISE
POSITIVE PSRR vs FREQUENCY
Figure 16.
Figure 17.
NEGATIVE PSRR vs FREQUENCY
MAXIMUM POWER DISSIPATION vs TEMPERATURE
Figure 18.
Figure 19.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA149-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com