Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA149AMDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA149AMDREP
Description  HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA149AMDREP Datasheet(HTML) 1 Page - Texas Instruments

  INA149AMDREP Datasheet HTML 1Page - Texas Instruments INA149AMDREP Datasheet HTML 2Page - Texas Instruments INA149AMDREP Datasheet HTML 3Page - Texas Instruments INA149AMDREP Datasheet HTML 4Page - Texas Instruments INA149AMDREP Datasheet HTML 5Page - Texas Instruments INA149AMDREP Datasheet HTML 6Page - Texas Instruments INA149AMDREP Datasheet HTML 7Page - Texas Instruments INA149AMDREP Datasheet HTML 8Page - Texas Instruments INA149AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
40
50
60
70
80
90
100
110
120
10
100
1k
10k
100k
Frequency (Hz)
INA149
Competitor A
INA149-EP
www.ti.com
SBOS608A – MARCH 2012 – REVISED APRIL 2012
HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
1
FEATURES
2
•
Common-Mode Voltage Range: ±275 V
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Minimum CMRR: 84 dB from –55°C to +125°C
•
Controlled Baseline
•
DC Specifications:
•
One Assembly/Test Site
–
Maximum Offset Voltage: 3500
μV
•
One Fabrication Site
–
Maximum Gain Error: 0.047%
•
Available in Military (–55°C/125°C)
–
Maximum Gain Nonlinearity: 0.001% FSR at
Temperature Range(1)
25°C
•
Extended Product Life Cycle
•
AC Performance:
•
Extended Product-Change Notification
–
Bandwidth: 500 kHz
•
Product Traceability
–
Typical Slew Rate: 5 V/
μs
•
Wide Supply Range: ±2.0 V to ±18 V
–
Maximum Quiescent Current: 1100
μA
–
Output Swing on ±15-V Supplies: ±13.5 V
•
Input Protection:
–
Common-Mode: ±500 V
–
Differential: ±500 V
APPLICATIONS
•
High-Voltage Current Sensing
•
Battery Cell Voltage Monitoring
•
Power-Supply Current Monitoring
•
Motor Controls
•
Replacement for Isolation Circuits
(1)
Additional temperature ranges available - contact factory
DESCRIPTION
The INA149 is a precision unity-gain difference amplifier with a very high input common-mode voltage range. It is
a single, monolithic device that consists of a precision op amp and an integrated thin-film resistor network. The
INA149 can accurately measure small differential voltages in the presence of common-mode signals up to
±275 V. The INA149 inputs are protected from momentary common-mode or differential overloads of up to
500 V.
In many applications, where galvanic isolation in not required, the INA149 can replace isolation amplifiers. This
ability can eliminate costly isolated input side power supplies and the associated ripple, noise, and quiescent
current. The excellent 0.0005% nonlinearity and 500-kHz bandwidth of the INA149 are superior to those of
conventional isolation amplifiers.
The INA149 is pin-compatible with the INA117 and INA148 type high common-mode voltage amplifiers and
offers improved performance over both devices. The INA149 is available in the SOIC-8 package with operation
specified over the military temperature range of –55°C to +125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA149AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA149AID TI-INA149AID Datasheet
1Mb / 24P
High Common-Mode Voltage Difference Amplifier
INA149AID TI-INA149AID Datasheet
1Mb / 24P
High Common-Mode Voltage Difference Amplifier
INA149AID TI-INA149AID Datasheet
1Mb / 24P
High Common-Mode Voltage Difference Amplifier
INA149AID TI-INA149AID Datasheet
1Mb / 24P
High Common-Mode Voltage Difference Amplifier
INA149AID TI2-INA149AID Datasheet
1Mb / 26P
High Common-Mode Voltage Difference Amplifier
REVISED JULY 2012
More results

Similar Description - INA149AMDREP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
High Common-Mode Voltage Difference Amplifier
REV.A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_07 Datasheet
540Kb / 16P
High Common-Mode Voltage, Difference Amplifier
3/07-Rev. A to Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
High Common-Mode Voltage Difference Amplifier
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
High Common-Mode Voltage, Difference Amplifier
REV. C
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
Common Mode Voltage Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com