Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA149AMDREP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA149AMDREP
Description  HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA149AMDREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA149AMDREP Datasheet HTML 8Page - Texas Instruments INA149AMDREP Datasheet HTML 9Page - Texas Instruments INA149AMDREP Datasheet HTML 10Page - Texas Instruments INA149AMDREP Datasheet HTML 11Page - Texas Instruments INA149AMDREP Datasheet HTML 12Page - Texas Instruments INA149AMDREP Datasheet HTML 13Page - Texas Instruments INA149AMDREP Datasheet HTML 14Page - Texas Instruments INA149AMDREP Datasheet HTML 15Page - Texas Instruments INA149AMDREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
0
2
4
6
8
10
12
Offset Voltage (
µV)
G022
0
2
4
6
8
10
12
14
16
18
20
Differential Gain Error (m%)
G024
0
5
10
15
20
25
30
35
PSRR (
µV/V)
G025
0
5
10
15
20
25
30
35
Nonlinearity Error (m%)
G026
−2000
−1600
−1200
−800
−400
0
400
800
1200
1600
2000
−75
−50
−25
0
25
50
75
100
125
150
175
Temperature (°C)
G027
−50
−40
−30
−20
−10
0
10
20
30
40
50
−75
−50
−25
0
25
50
75
100
125
150
175
Temperature (°C)
G028
INA149-EP
SBOS608A – MARCH 2012 – REVISED APRIL 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 2 kΩ connected to ground, and VS = ±15 V, unless otherwise noted.
OFFSET VOLTAGE HISTOGRAM
DIFFERENTIAL GAIN ERROR HISTOGRAM
Figure 26.
Figure 27.
PSRR HISTOGRAM
GAIN NONLINEARITY HISTOGRAM
Figure 28.
Figure 29.
OFFSET VOLTAGE vs TEMPERATURE
CMRR vs TEMPERATURE
Figure 30.
Figure 31.
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA149-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com