Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA149AMDREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA149AMDREP
Description  HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA149AMDREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA149AMDREP Datasheet HTML 7Page - Texas Instruments INA149AMDREP Datasheet HTML 8Page - Texas Instruments INA149AMDREP Datasheet HTML 9Page - Texas Instruments INA149AMDREP Datasheet HTML 10Page - Texas Instruments INA149AMDREP Datasheet HTML 11Page - Texas Instruments INA149AMDREP Datasheet HTML 12Page - Texas Instruments INA149AMDREP Datasheet HTML 13Page - Texas Instruments INA149AMDREP Datasheet HTML 14Page - Texas Instruments INA149AMDREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Time (4
µs/div)
CL = 1000 pF
RL = 2 kΩ
G011
Time (4
µs/div)
CL = 1000 pF
RL = 2 kΩ
G012
−0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
−12
−10
−8
−6
−4
−2
0
2
4
Time (5 us/div)
Error Voltage
Output Voltage
G018
−100
−80
−60
−40
−20
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
Time (
µs)
0 nF
1 nF
3 nF
5 nF
10 nF
G065
−1.4
−1.2
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
−4
−2
0
2
4
6
8
10
12
Time (5 us/div)
Error Voltage
Output Voltage
G063
0
2
4
6
8
10
12
14
16
18
20
CMRR (
µV/V)
G019
INA149-EP
www.ti.com
SBOS608A – MARCH 2012 – REVISED APRIL 2012
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 2 kΩ connected to ground, and VS = ±15 V, unless otherwise noted.
LARGE-SIGNAL STEP RESPONSE
SMALL-SIGNAL STEP RESPONSE
Figure 20.
Figure 21.
SMALL-SIGNAL RESPONSE vs CAPACITIVE LOAD
SETTLING TIME
Figure 22.
Figure 23.
SETTLING TIME
CMRR HISTOGRAM
Figure 24.
Figure 25.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): INA149-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com