Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA149AMDREP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA149AMDREP
Description  HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA149AMDREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA149AMDREP Datasheet HTML 10Page - Texas Instruments INA149AMDREP Datasheet HTML 11Page - Texas Instruments INA149AMDREP Datasheet HTML 12Page - Texas Instruments INA149AMDREP Datasheet HTML 13Page - Texas Instruments INA149AMDREP Datasheet HTML 14Page - Texas Instruments INA149AMDREP Datasheet HTML 15Page - Texas Instruments INA149AMDREP Datasheet HTML 16Page - Texas Instruments INA149AMDREP Datasheet HTML 17Page - Texas Instruments INA149AMDREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
0 nF
1 nF
3 nF
5 nF
10 nF
G044
0
200
400
600
800
1000
1200
0
2
4
6
8
10
12
14
16
18
20
Supply Voltage (±V)
−45°C
+25°C
+85°C
+130°C
G056
0
5
10
15
20
25
30
1k
10k
100k
1M
Frequency (Hz)
G057
−4
0
4
8
12
16
Time (1
µs/div)
Input
Output
G058
−16
−12
−8
−4
0
4
Time (1
µs/div)
Input
Output
G067
0
5
10
15
20
25
30
35
40
45
50
Quiescent Current (mA)
G059
INA149-EP
SBOS608A – MARCH 2012 – REVISED APRIL 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 2 kΩ connected to ground, and VS = ±15 V, unless otherwise noted.
FREQUENCY RESPONSE vs CAPACITIVE LOAD
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 38.
Figure 39.
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
OVERLOAD RECOVERY
Figure 40.
Figure 41.
OVERLOAD RECOVERY
QUIESCENT CURRENT HISTOGRAM
Figure 42.
Figure 43.
14
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA149-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com