Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 75 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 75 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 71Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 72Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 73Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 74Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 75Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 76Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 77Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 78Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 79Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 116 page
background image
75
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
6.35
(0.250)
10.03
(0.395)
21.08
(0.830)
8.03
(0.316)
ø
"A"
Part Number
“A” Dim
578105B00000G
3.96 (0.156)
578205B00000G
6.35 (0.250)
578305B00000G
12.70 (0.500)
578405B00000G
19.05 (0.750)
578505B00000G
25.40 (1.000)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
50
0
20
40
60
80
100
0.0
0.4
0.8
1.2
1.6
2.0
40
30
10
20
0
0
400
200
600
800
1000
578205
578105
Snap on cooler features easy
no tools installation. Folded
back fins provide maximum
surface area while preserving
valuable board space.
5781, 5782, 5783, 5784, 5785
Snap on cooler heat sink
6201, 6202, 6203
Space saving expandable heat sink
Space saving expandable heat sink
features a collar that tightly grips the
device meaning no extra hardware is
required. Heat sinks are constructed of
pre-black anodize material to lower cost.
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
50
0
20
40
60
80
100
0.0
0.4
0.8
1.2
1.6
2.0
40
30
10
20
0
0
400
200
600
800
1000
6202
6201
6203
32.51
(1.280)
6.35
(0.250)
ø 8.03
(0.316)
I.D.
"A"
Part Number
“A” Dim
# Fins
6201PBG
6.35 (0.250)
1
6202PBG
12.70 (0.500)
2
6203PBG
19.56 (0.770)
3
ORDERING INFORMATION
Material: 0.63 (0.025) Thick Aluminum
Finish: Black Anodize
Material: 0.63 (0.025) Thick Aluminum
Finish: Pre Black Anodize*
TO-05 Heat Sinks
* Edges cut during the manufacturing process will be unfinished.
See page 110 more more information
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
50
0
20
40
60
80
100
0.0
0.4
0.8
1.2
1.6
2.0
40
30
10
20
0
0
400
200
600
800
1000
578405
578305
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
50
0
20
40
60
80
100
0.0
0.4
0.8
1.2
1.6
2.0
40
30
10
20
0
0
400
200
600
800
1000
578505
5F
Low cost push on heat sink
12.70
(0.500)
16.00
(0.630)
7.90
(0.311)
ø
ø
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
50
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
40
30
10
20
0
0
400
200
600
800
1000
Part Number
Description
5FG
Low cost push on heat sink
ORDERING INFORMATION
Material: Aluminum
Finish: Black Anodize
Low cost push on heat sink
uses spring pressure to firmly
grip the device case creating
a good thermal interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com