Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 41 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 41 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 37Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 38Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 39Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 40Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 41Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 42Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 43Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 44Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 45Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 116 page
background image
41
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
5069, 5070, 5071, 5072 Hat section style heat sink
Hat section style heat sinks are low
profile and perfect for use on printed
circuit cards with 0.500 inch centering
between boards. For higher power
applications the 5071 hat can be added
to the 5070 or 5072 for double sided
cooling of a TO-220 device.
17.78
(0.700)
9.52
(0.375)
13.46
(0.530)
17.78
(0.700)
CL
3.66
(0.144)
THRU
ø
"A"
Part Number
Description
Figure
“A” Dim
506902B00000G
Hat section heat sink
A
31.75 (1.250)
507002B00000G
Wide hat section heat sink
A
44.45 (1.750)
507102B00000G
Hat section heat sink with cut out
C
507222B00000G
Dual device hat section heat sink
B
44.45
(1.750)
12.70
(0.500)
12.70
(0.500)
17.78
(0.700)
3.66
(0.144)
10.67
(0.420)
10.29
(0.405)
13.46
(0.530)
ø
7137, 7140
Copper, hat section, slide on heat sink
Copper, hat section, slide on heat sink
features integrated mounting clip
for easy no hardware attachment to
the device. Also included are solderable
mounting tabs for easy attachment
to the PC card.
21.54
(0.848)
22.86
(0.900)
9.52
(0.375)
13.21
(0.520)
2.54
(0.100)
Top is cut away
to show detail
19.05
(0.750)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
01
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
Part Number
Description
Figure
7137DG
Vertical mount
A
2.54 (0.100)
7140DG
Horizontal mount
B
2.54 (0.100)
ORDERING INFORMATION
Material: 0.63 (0.025) Thick Copper
Finish: Tin Plated
TO-220 Heat Sinks
Position
Code
Description
Details
A
1
Kon DuxTM pad
Page 86
37.34
(1.470)
44.45
(1.750)
17.78
(0.700)
9.52
(0.375)
13.59
(0.535)
10.16
(0.400)
CL
3.66
(0.144)
THRU TYP 2
ø
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
01
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
507002
506902
507102
Dia of PCB
Plated Thru
Hole for Tabs
FIGURE C
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
2
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
507222 with 507102 attached
507222
17.78
(0.700)
22.86
(0.900)
9.52
(0.375)
13.21
(0.520)
1.57
(0.062)
3.05
(0.120)
11.05
(0.435)
For additional options see page 82
FIGURE A
FIGURE B
FIGURE A
FIGURE B
POPULAR OPTIONS:
Base part no.
A
50_ _ _2B 0 0000G
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Material: 1.02 (0.040) Thick Aluminum
Finish: Black Anodize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com