Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 49 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 49 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 45Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 46Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 47Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 48Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 49Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 50Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 51Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 52Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 53Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 116 page
background image
49
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-220 Heat Sinks
ORDERING INFORMATION
5425
Space saving staggered fin heat sink
Space saving staggered fin heat
sink for vertical mounting TO-220
devices. Features integrated solderable
mounting tabs that can be twisted for
attachment to the PC board. Heat sink
is also available with tin plating for
soldering directly to the PC board.
22.22
(0.875)
10.67
(0.420)
1.57
(0.062)
17.78
(0.700)
6.35
(0.250)
19.56
(0.770)
31.75
(1.250)
3.96
(0.156)
THRU
3.17
(0.125)
8.89
(0.350)
ø
1.27
(0.050)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
0
1
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
22.20
(0.875)
3.17
(0.125)
THRU
31.75
(1.250)
19.56
(0.770)
6.35
(0.250)
1.91
(0.075)
2x
5.03
(0.198)
17.78
(0.700)
ø
CL
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
0
1
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
Space savings twisted fin heat sink
for vertical mounting TO-220 devices.
Features staked on solderable mounting
tabs for easy attachment to the PC board.
5925
Space saving twisted fin heat sink
Material: 1.27 (0.050) Thick Aluminum
Finish: See Table
Material: 1.27 (0.050) Thick Aluminum
Finish: See Table
ORDERING INFORMATION
Part Number
Finish
592502B03400G
Black anodize
2.39 (0.094)
592502U03400G
Unfinished
2.39 (0.094)
Dia of PCB
Plated Thru
Hole for Tabs
Part Number
Finish
542502B00000G
Black anodize
2.39 (0.094)
542502D00000G
Tin plated
2.39 (0.094)
Dia of PCB
Plated Thru
Hole for Tabs
For additional options see page 82
For additional options see page 82
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com