Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 32 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 32 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 28Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 29Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 30Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 31Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 32Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 33Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 34Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 35Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 36Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 116 page
background image
32
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
TV265, TV1500, TV1505
Channel style heat sink features twisted fins
Channel style heat sink features
twisted fins for increased air turbu-
lence and better cooling. Can be
mounted vertically or horizontally.
Models are available with integrated
twist tabs or mounting solderable tabs.
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
02
4
6
8
10
16
12
4
8
0
0
400
200
600
800
1000
TV1505
TV1500
Part Number
Description
Figure
TV265G
Channel style heat sink with twisted fins and solderable tabs
A
2.39 (0.094)
TV1500G
Channel style heat sink with twisted fins
B
TV1505G
With integrated twist tabs
B
3.30 (0.130)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
30.40
(1.197)
31.20
(1.228)
25.00
(0.984)
5.10
(0.201)
15.20
(0.598)
12.50
(0.492)
CL
Slots for
clip attach
3.81
(0.150)
0.80
(0.031)
24.20
(0.953)
11.10
(0.437)
1.90
(0.075)
5.00
(0.197)
Channel style heat sink features
solderable tabs and twisted fins
for increased air turbulence for bet-
ter cooling. For ease of assembly use
with clip 7701 (sold separately) to
attach device. See page 97 for clip
information.
5900
Channel style heat sink features solderable tabs and twisted fins
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
Material: 1.19 (0.047) Thick Aluminum
Finish: Pre Black Anodize*
ORDERING INFORMATION
Part Number
Description
5900PBG
Channel style heat sink with twisted fins and solderable tabs
2.40 (0.094)
Dia of PCB
Plated Thru
Hole for Tabs
TO-220 Heat Sinks
Dia of PCB
Plated Thru
Hole for Tabs
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
TV 265
12.70
(0.500)
2.54
(0.100)
5.80
(0.228)
30.00
(1.181)
5.08
(0.200)
1.20
(0.047)
24.13
(0.950)
30.20
(1.187)
3.80
(0.150)
1.90
(0.075)
15.24
(0.600)
TAB
TV1505
ONLY
CL
R
45.00
(1.772)
4.50
(0.177)
1.90
(0.075)
10.15
(0.400)
12.70
(0.500)
1.90
(0.075)
R
30.00
(1.181)
22.10
(0.870)
25.40
(1.000)
15.24
(0.600)
5.08
(0.200)
0.75
(0.030)
CL
* Edges cut during the manufacturing process will be unfinished.
See page 110 for more information.
FIGURE A
FIGURE B
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com