Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 93 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 93 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 89Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 90Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 91Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 92Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 93Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 94Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 95Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 96Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 97Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 116 page
background image
93
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Tabs
Solderable Mounting Tabs
Heat sinks ordered with solderable mounting
tabs have tin-plated spring steel tabs perma-
nently locked onto the heat sink to provide
wave solderability. The solderable tabs are
mounted on the heat sink after anodizing,
thus eliminating any special coating or han-
dling. The result is a wave solderable heat
sink with black anodized performance.
Suffix
Ordering code
Stand-off height
Features
“A” Dim
“B” Dim
Figure
MT
53
5.21 (0.205)
Solderable mounting tab
15.88 (0.625)
4.83 (0.190)
A
2.90 ± 0.10 (0.114 ± 0.004)
MT2
54
8.51 (0.335)
Solderable mounting tab
19.18 (0.755)
8.13 (0.320)
A
2.90 ± 0.10 (0.114 ± 0.004)
MT3
55
5.21 (0.205)
50 degree beveled corners on stand-off portion reducing board footprint
15.88 (0.625)
4.83 (0.190)
A
2.90 ± 0.10 (0.114 ± 0.004)
from 7.87 (0.310) to 4.83 (0.190) width. Only tab with this feature.
MT5
56
5.21 (0.205)
Bifurcated tabs in lieu of triangular shape
15.88 (0.625)
4.83 (0.190)
B
2.95 ± 0.05 (0.116 ± 0.002)
MT6
57
2.92 (0.115)
Bifurcated tabs in lieu of triangular shape
13.59 (0.535)
2.54 (0.100)
B
2.95 ± 0.05 (0.116 ± 0.002)
7.62
(0.300)
(0.310)
(0.090)
2.03
(0.080)
3.18
(0.125)
2.28
7.87
"A"
"B"
(0.190)
MT3 ONLY
4.83
BEVELED
CORNERS
MT3 ONLY
3.09
(0.122)
2.79
(0.110)
(0.310)
7.87
3.18
(0.125)
7.62
(0.300)
DETAIL B
SEE DETAIL B
"A"
"B"
Notes: Mounting tabs have unique locking features built into their design. Aavid Thermalloy adds
to standard and custom heat sinks. For this reason, the tabs are factory applied, and cannot be sold
separately. Please see page 85 for additional tab options.
574802B0 _ _ 00G
Ordering code
6070B–
G
B
ORDERING INFORMATION
example 12 digit part
example
Thermalloy origin part
FIGURE B
FIGURE A
A
A = Model number
B = Mounting tab suffix
C = RoHS compliant
TRIANGULAR
TAB
"A" REF
ADD TO
HEIGHT OF PART
Typical Installation
Recommended
PCB plated
thru hole:
0.81
(0.032)
1.63
(0.064)
6.35
(0.250)
6.32
(0.245)
1.27
(0.050)
12.57
(0.495)
CL
6.35
(0.250)
3.18
(0.125)
1.27
(0.050)
3.18
(0.125)
1.02
(0.040)
6.35
(0.250)
15.88
(0.625)
0.51
(0.020)
Tab ordering code 40
Tab ordering code 43
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com