Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 59 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 59 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 55Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 56Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 57Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 58Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 59Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 60Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 61Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 62Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 63Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 116 page
background image
59
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-220 & TO-202 Heat Sinks
SW25-6, SW38-6
Extruded heat sink with unequal channel widths
Extruded heat sink with unequal
channel widths front and back
can accommodate a TO-220 or
TO-202 device. Includes two solder-
able mounting pins which permit
vertical mounting and eliminate stress
on device leads. Clip 5901 (sold sepa-
rately) can be used to attach device.
See page 97 for clip information.
25.00
(0.984) 19.90
(0.783)
15.00
(0.591)
4.00
(0.157)
2.50
(0.098)
25.40
(1.000)
3.20
(0.126)
"A"
SEE NOTE 1
TYP
ø
34.50
(1.358)
12.50
(0.492)
6.25
(0.246)
2.00
(0.079)
NOTCH
11mm DEEP
10.4mm WIDE
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
SW38
SW25
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Description
“A” Dim
SW25-6G
Extruded heat sink with unequal channel widths front and back
25.00 (0.984)
3.00 (0.118)
SW38-6G
Extruded heat sink with unequal channel widths front and back.
38.00 (1.496)
3.00 (0.118)
(0.500)
12.70
(0.437)
11.10
(0.370)
9.40
(1.375)
34.92
(0.062)
1.57
(1.000)
25.40
2x
(0.156)
3.96
2x
(0.093)
2.37
"A"
ø
17.48
(0.688)
13.46
(0.530)
18.29
(0.720)
3x
(0.125)
3.18
ø
25.40
(1.000)
(0.625)
15.88
SEE NOTE 1
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
531102
531002
Extruded heat sink with radial
fins and notched base features
equal channel widths on both sides
and mounting holes to accomodate
TO-220 and TO-202 devices. Includes
two solderable mounting pins which
permit vertical mounting and elimi-
nate stress on device leads. Available
in four heights.
5310, 5311, 5312, 5313
Extruded heat sink with radial fins & notched base
Material: Aluminum
Finish: See Table
ORDERING INFORMATION
Part Number
“A” Dim
Finish
531002B02500G
25.40 (1.000)
Black anodize
2.67 (0.105)
531002V02500G
25.40 (1.000)
AavSHIELD3
2.67 (0.105)
531102B02500G
38.10 (1.500)
Black anodize
2.67 (0.105)
531102V02500G
38.10 (1.500)
AavSHIELD3
2.67 (0.105)
531202B02500G
50.80 (2.000)
Black anodize
2.67 (0.105)
531202V02500G
50.80 (2.000)
AavSHIELD3
2.67 (0.105)
531302B02500G
63.50 (2.500)
Black anodize
2.67 (0.105)
531302V02500G
63.50 (2.500)
AavSHIELD3
2.67 (0.105)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
531302
531202
Dia of PCB
Plated Thru
Hole for Pins
Dia of PCB
Plated Thru
Hole for Pins
For additional options see page 83
NOTE 1: This hole not present in 5310 series
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99
NOTE 1: This hole not present in SW25 series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com