Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 77 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 77 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 73Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 74Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 75Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 76Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 77Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 78Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 79Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 80Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 81Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 116 page
background image
77
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Axial Lead Devices
ORDERING INFORMATION
6000
Copper heat sink for axial lead devices
Copper heat sink for axial
lead device requires no extra
board space to mount. One lead
of the heat sink is soldered to
the device while the other sol-
ders to the PC board. Available
in two finishes.
C SYM
L
14.20
(0.559)
25.40
(1.000)
15.24
(0.600)
(0.250)
6.35
@ BASE
(1.200)
30.48
REF
REF
25.40
(1.000)
27.30
(1.075)
1.90
(0.075)
1.27
(0.050)
15.24
(0.600)
20.32
(0.800)
DIA as required
for lead size
2.36
(0.093)
FIGURE A
Part Number
Description
Finish
6000UG
Heat sink for axial lead device
Unfinished
See figure A
6000DG
Heat sink for axial lead device
Tin plated*
See figure A
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
ORDERING INFORMATION
(1.060)
26.92
(1.250)
31.75
"A"
(0.600)
15.24
SQ
Part Number
“A” Dim
6222BG
3.61 (0.142) Dia Thru
6223BG
4.14 (0.163) Dia Thru
6224BG
4.77 (0.188) Dia Thru
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
Square basket style heat sink
for bridge rectifiers uses no
additional board space. Available
with three different mounting
hole diameters.
6222, 6223, 6224 Square basket style heat sink for bridge rectifiers
Material: 0.53 (0.021) Thick Copper
Finish: See Table
Bridge Rectifiers
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
Dia of PCB
Plated Thru
Hole for Tabs
* See page 110 for more information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com