Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 17 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 17 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 15Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 16Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 17Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 18Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 19Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 20Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 21Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 116 page
background image
17
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
IC Pkg. Size (mm) IC Pkg. Style
Part Number
“W” (mm)
“L” (mm)
“H” (mm)
θn 2
θf 3
Finish
Tape Code1
10 x 10
Metal / Ceramic
375224B00032G
10.20
11.10
10.20
71.40
21.20
Black anodize
32
23 x 23
Metal / Ceramic
374024B00032G
23.00
23.00
10.00
40.00
11.69
Black anodize
32
23 x 23
Metal / Ceramic
374124B00032G
23.00
23.00
18.00
23.40
7.39
Black anodize
32
23 x 23
Metal / Ceramic
374224B00032G
23.00
23.00
25.00
19.70
6.370
Black anodize
32
25 x 25
Metal / Ceramic
335224B00032G
25.00
25.00
9.90
34.00
10.39
Black anodize
32
27 x 27
Metal / Ceramic
335324B00032G
26.90
26.90
11.40
27.70
8.71
Black anodize
32
27 x 27
Metal / Ceramic
374324B00032G
27.00
27.00
10.00
30.60
9.35
Black anodize
32
27 x 27
Metal / Ceramic
374424B00032G
27.00
27.00
18.00
20.30
6.46
Black anodize
32
27 x 27
Metal / Ceramic
374524B00032G
27.00
27.00
25.00
16.50
5.47
Black anodize
32
28 x 28
Metal / Ceramic
373024B00032G
27.90
27.90
8.89
33.30
10.00
Black anodize
32
28 x 28
Metal / Ceramic
373224M00032G
28.00
28.00
6.00
44.10
13.13
Green anodize
32
28 x 28
Metal / Ceramic
2327B-TACHG
27.90
28.10
15.20
23.40
7.43
Black anodize
32
31 x 31
Metal / Ceramic
335724B00032G
30.10
30.10
6.60
35.70
10.84
Black anodize
32
31 x 31
Metal / Ceramic
335824B00032G
30.00
30.00
9.40
29.40
9.11
Black anodize
32
32.5 x 32.5
Metal / Ceramic
2338B-TACHG
33.00
31.40
12.50
23.10
7.23
Black anodize
32
35 x 35
Metal / Ceramic
371824B00032G
35.00
35.00
7.00
31.90
9.67
Black anodize
32
35 x 35
Metal / Ceramic
374624B00032G
35.00
35.00
10.00
23.40
7.55
Black anodize
32
35 x 35
Metal / Ceramic
374724B00032G
35.00
35.00
18.00
15.30
5.15
Black anodize
32
35 x 35
Metal / Ceramic
374824B00032G
35.00
35.00
25.00
12.00
4.27
Black anodize
32
35 x 35
Metal / Ceramic
372024B00032G
35.00
35.00
27.90
11.90
4.28
Black anodize
32
37.5 x 37.5
Metal / Ceramic
373324M00032G
37.40
37.40
6.00
32.60
9.91
Green anodize
32
37.5 x 37.5
Metal / Ceramic
2319B-TACHG
38.10
38.10
10.16
12.50
3.50
Black anodize
32
37.5 x 37.5
Metal / Ceramic
336624B00032G
38.10
38.10
16.00
15.30
5.15
Black anodize
32
40 x 40
Metal / Ceramic
374924B00032G
40.00
40.00
10.00
20.30
6.46
Black anodize
32
40 x 40
Metal / Ceramic
364424B00032G
40.10
40.00
11.40
18.40
6.02
Black anodize
32
40 x 40
Metal / Ceramic
375024B00032G
40.00
40.00
18.00
12.20
4.34
Black anodize
32
40 x 40
Metal / Ceramic
375124B00032G
40.00
40.00
25.00
10.30
3.83
Black anodize
32
42.5 x 42.5
Metal / Ceramic
2321B-TACHG
43.20
41.30
8.90
22.10
6.93
Black anodize
32
42.5 x 42.5
Metal / Ceramic
2332B-TACHG
43.20
41.30
16.50
12.90
4.53
Black anodize
32
45 x 45
Metal / Ceramic
2342B-TACHG
45.70
44.60
7.00
23.10
7.26
Black anodize
32
50 +
Metal / Ceramic
3334B-TACHG
50.50
50.20
16.50
6.0
3.3
Black anodize
32
Heat sinks for metal/ceramic BGA packages
BGA–Tape Attachment
1. For tape specifications see page 88
2. Natural convection thermal resistance based on a 75° C heat sink temperature rise.
3. Forced convection thermal resistance based on an entering 1.0 m/s (200LFM) airflow.
"L"
"H"
"W"
Material: Aluminum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com