Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 102 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 102 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 98Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 99Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 100Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 101Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 102Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 103Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 104Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 105Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 106Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 116 page
background image
102
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
EUROPE
ASIA
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
"A"
"B"
"A"
"B"
"C"
DIA
TYP(4)
"C"
DIA
TYP(3)
"B"
30.15
(1.187)
10.92
(0.430)
"A"
1.83
(0.072)
"C"
DIA
TYP(2)
"D"
DIA
TYP(2)
"A"
"B"
"C"
"D"
DIA
Insulators – Thermalfilm™ and Thermalfilm™ MT
Part number
“A” Dim
“B” Dim
“C” Dim
“D” Dim
43-03-2G
42.04 (1.655)
27.00 (1.063)
3.96 (0.156)
1.57 (0.062)
43-03-4G
39.70 (1.563)
26.67 (1.050)
3.56 (0.140)
1.57 (0.062)
Thermalfilm™ for TO-3
Thermalfilm™ for TO-5 and TO-18
Thermalfilm™ for TO-220, TO-126, Case 77, Case 199, Case 90, TO-218 and TO-3P
Part number
Device
Figure
“A” Dim
“B” Dim
“C” Dim
43-05-1G
TO-5
A
9.91 (0.390)
5.08 (0.200)
0.91 (0.036)
43-05-2G
TO-5
B
9.91 (0.390)
5.08 (0.200)
0.91 (0.036)
43-18-1G
TO-18
A
6.35 (0.250)
2.54 (0.100)
0.91 (0.036)
Part number
Device
“A” Dim
“B” Dim
“C” Dim
“D” Dim
43-77-1G
TO-126, Case 77
11.10 (0.437)
7.92 (0.312)
3.56 (0.140)
2.36 (0.093)
43-77-2G
Case 90, Case 199
17.45 (0.687)
14.27 (0.562)
5.54 (0.218)
3.18 (0.125)
43-77-8G
Case 90, Case 199
18.92 (0.745)
13.84 (0.545)
5.38 (0.212)
3.81 (0.150)
43-77-9G
TO-220
18.42 (0.725)
13.21 (0.520)
4.32 (0.170)
2.92 (0.115)
46-77-9G*
TO-220
18.42 (0.725)
13.21 (0.520)
4.32 (0.170)
2.92 (0.115)
43-77-20G
TO-220, TO-218, TO-3P
23.24 (0.915)
18.80 (0.740)
6.98 (0.275)
3.66 (0.144)
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
FIGURE A
FIGURE B
* ThermalfilmTM MT part numbers begin with “46”
ThermalfilmTM information on page 101
Dimensional tolerances are ± 0.38mm (0.015), hole diameters are ± 0.25mm (0.010)
and angularity is ± 1 1/2° unless otherwise specified.
ThermalfilmTM information on page 101
Dimensional tolerances are ± 0.38mm (0.015), hole diameters are ± 0.25mm (0.010)
and angularity is ± 1 1/2° unless otherwise specified.
ThermalfilmTM information on page 101
Dimensional tolerances are ± 0.38mm (0.015), hole diameters are ± 0.25mm (0.010)
and angularity is ± 1 1/2° unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com