Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 107 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 107 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 103Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 104Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 105Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 106Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 107Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 108Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 109Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 110Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 111Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 116 page
background image
107
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Mounting Pads
• Prevent heat damage during soldering
• Facilitate board clean-up
• Prevent solder bridges
• Assure uniform device height
MAXIMUM OPERATING TEMPERATURE
* All “DAP” mounting pads meet UL 94 V-0
Index of Semiconductor Lead Conversion Pads
Index of Semiconductor Mounting Pads
Suffix
Base material
Continuous
Deflection
Color
NG
Nylon base resin
121.0°C 250°F
243.3°C 470°F
Natural
per ASTM STD
D4066-82-PA111
DAPG*
Diallyl Phthalate
204.4°C 400°F
282.2°C 540°F
Black only
per MIL-M-14G
type SDG
Converts lead
Part number
spacing from
To
# of Leads
Outside dia
Thickness
7717-130G
0.05 In-Line
TO-92 & TO-15
3
5.84 (0.230)
1.02 (0.040)
7717-247G
TO-18
TO-5
3
7.11 (0.280)
3.81 (0.170)
7717-26G
TO-18
TO-5
3
8.71 (0.343)
3.05 (0.120)
7717-44G
TO-18
TO-5
4
7.75 (0.305)
3.18 (0.125)
For TO-18
For epoxy transistors
For TO-5
For TO-18
For integrated circuits
Misc. mounting pads
FEATURES
PRODUCT INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
See pages 108 and 109 for mechanical drawings
See pages 108 and 109 for mechanical drawings
Note: Please specify material for each mounting pad: “N” = nylon; “DAP” = Diallyl Phtalate.
Example: 7717-3NG, 7717-86DAPG
Part number
Leads
Outside dia
Thickness
7717-86G
3
8.71 (0.343)
1.91 (0.075)
7717-178G
3
8.89 (0.350)
0 .53 (0.021)
7717-79G
3
9.02 (0.355)
0.97 (0.038)
7717-3G
3–4
8.64 (0.340)
1.91 (0.075)
7717-15G
4
8.89 (0.350)
0.51 (0.020)
7717-5G
4
8.89 (0.350)
3.18 (0.125)
7717-4G
4
9.53 (0.375)
1.91 (0.075)
7717-16G
4
5.08 (0.200)
0.51 (0.020)
7717-18G
4
5.08 (0.200)
2.54 (0.100)
7717-108G
4
5.16 (0.203)
1.78 (0.070)
7717-89G
4
6.35 (0.250)
2.03 (0.080)
7717-7G
4
6.35 (0.250)
3.18 (0.125)
7717-122G
8
9.27 (0.365)
1.78 (0.070)
7717-8G
8
9.53 (0.375)
1.91 (0.075)
7717-156G
14
19.05 x 11.43 (0.750 x 0.450)
1.27 (0.050)
7717-175G Crystal Can Relay
10.16 / 20.32 (0.400 x 0.800)
1.27 (0.050)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com