Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602AS Datasheet(PDF) 76 Page - SONiX Technology Company

Part # SN8P1602AS
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AS Datasheet(HTML) 76 Page - SONiX Technology Company

Back Button SN8P1602AS Datasheet HTML 72Page - SONiX Technology Company SN8P1602AS Datasheet HTML 73Page - SONiX Technology Company SN8P1602AS Datasheet HTML 74Page - SONiX Technology Company SN8P1602AS Datasheet HTML 75Page - SONiX Technology Company SN8P1602AS Datasheet HTML 76Page - SONiX Technology Company SN8P1602AS Datasheet HTML 77Page - SONiX Technology Company SN8P1602AS Datasheet HTML 78Page - SONiX Technology Company SN8P1602AS Datasheet HTML 79Page - SONiX Technology Company SN8P1602AS Datasheet HTML 80Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 76
Revision 1.94
1
1
11
1
1 External Reset Circuit
SN8P1602 External Reset Circuit Example
R1
40K ohm
R2
10K ohm
R3
33K ohm
R4
1K ohm
Q1
NPN
Q2
NPN
R6
100K
R7
100K
R8
100K
R9
100K
VCC
S1
S2
S3
U1
SN8P1602
P1.2
1
P1.3
2
P0.0
3
RST
4
VSS
5
P2.0
6
P2.1
7
P2.2
8
P2.3
9
P1.1
18
P1.0
17
XIN
16
XOUT
15
VDD
14
P2.7
13
P2.6
12
P2.5
11
P2.4
10
S4
P1.0
P1.1
P1.2
P1.3
D1
R10
100
D2
R11
100
D3
R12
100
D4
R13
100
D5
R14
100
D6
Y1
? Hz
R15
100
C2
20P
D7
C3
20P
R16
100
D8
R17
100
P2.0
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P2.1
C1
0.1uF (104)
Input Application
Output Application
VCC
VCC
External Reset Circuit
External Oscillator
Bypass Cap
R5
100K ohm
VCC
Pull-up Resistor
Notice :
The SN8P1602 do not have the internal power on reset circuit. It is very important to connect the external
component to implement the reset function. The simple RC circuit does not get a good brownout reset.
The External reset circuit in the demo schematic can improve the SN8P1602 power-on/Brown-out reset
performance, but it increases the system power consumption (about 200
µA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com