Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602AS Datasheet(PDF) 43 Page - SONiX Technology Company

Part # SN8P1602AS
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AS Datasheet(HTML) 43 Page - SONiX Technology Company

Back Button SN8P1602AS Datasheet HTML 39Page - SONiX Technology Company SN8P1602AS Datasheet HTML 40Page - SONiX Technology Company SN8P1602AS Datasheet HTML 41Page - SONiX Technology Company SN8P1602AS Datasheet HTML 42Page - SONiX Technology Company SN8P1602AS Datasheet HTML 43Page - SONiX Technology Company SN8P1602AS Datasheet HTML 44Page - SONiX Technology Company SN8P1602AS Datasheet HTML 45Page - SONiX Technology Company SN8P1602AS Datasheet HTML 46Page - SONiX Technology Company SN8P1602AS Datasheet HTML 47Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 43
Revision 1.94
EXTERNAL HIGH-SPEED OSCILLATOR
SN8P1600 can be operated in four different oscillator modes. There are external RC oscillator modes, high
crystal/resonator mode (12M code option), standard crystal/resonator mode (4M code option) and low crystal mode
(32K code option). For different application, the users can select one of satiable oscillator mode by programming code
option to generate system high-speed clock source after reset.
Example: Stop external high-speed oscillator.
B0BSET
FSTPHX
; To stop external high-speed oscillator only.
B0BSET
FCPUM0
; To stop external high-speed oscillator and internal low-speed
; Oscillator called power down mode (sleep mode).
OSCILLATOR MODE CODE OPTION
SN8P1600 has four oscillator modes for different applications. These modes are 4M, 12M, 32K and RC. The main
purpose is to support different oscillator types and frequencies. MCU needs more current when operating at
High-speed mode than the low-speed mode. For crystals, there are three steps to select. If the oscillator is RC type, to
select “RC” and the system will divide the frequency by 2 automatically. User can select oscillator mode from code
option table before compiling. Following is the code option table.
Code Option
Oscillator Mode
Remark
00
RC mode
Output the Fcpu square wave from Xout pin.
01
32K
32768Hz
10
12M
12MHz ~ 16MHz
11
4M
3.58MHz
OSCILLATOR DEVIDE BY 2 CODE OPTION
SN8P1600 has a code option to divide external clock by 2,called “High_Clk / 2”. If “High_Clk / 2” is enabled, the
external clock frequency is divided by 8 for the Fcpu. Fcpu is equal to Fosc/8. If “High_Clk / 2” is disabled, the external
clock frequency is divided by 4 for the Fcpu. The Fcpu is equal to Fosc/4.
Note: In RC mode, “High_Clk / 2” is always enabled.
OSCILLATOR SAFE GUARD CODE OPTION
SN8P1600 builds in an oscillator safe guard (OSG) to make oscillator more stable. It is a low-pass filter circuit and
stops high frequency noise into system from external oscillator circuit. This function makes system to work better under
AC noisy conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com