Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602AS Datasheet(PDF) 78 Page - SONiX Technology Company

Part # SN8P1602AS
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AS Datasheet(HTML) 78 Page - SONiX Technology Company

Back Button SN8P1602AS Datasheet HTML 74Page - SONiX Technology Company SN8P1602AS Datasheet HTML 75Page - SONiX Technology Company SN8P1602AS Datasheet HTML 76Page - SONiX Technology Company SN8P1602AS Datasheet HTML 77Page - SONiX Technology Company SN8P1602AS Datasheet HTML 78Page - SONiX Technology Company SN8P1602AS Datasheet HTML 79Page - SONiX Technology Company SN8P1602AS Datasheet HTML 80Page - SONiX Technology Company SN8P1602AS Datasheet HTML 81Page - SONiX Technology Company SN8P1602AS Datasheet HTML 82Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 78
Revision 1.94
SN8P1604
Code Option
Content
Function Description
RC
Low cost RC for external high clock oscillator
32K X’tal
Low frequency, power saving crystal (e.g. 32.768K) for external high
clock oscillator
12M X’tal
High speed crystal /resonator (e.g. 12M) for external high clock oscillator
High_Clk
4M X’tal
Standard crystal /resonator (e.g. 3.58M) for external high clock oscillator
Enable
External high clock divided by two, Fosc = high clock / 2
High_Clk / 2
Disable
Fosc = high clock
Enable
Enable Oscillator Safe Guard function
OSG
Disable
Disable Oscillator Safe Guard function
Enable
Enable Watch Dog function
Watch_Dog
Disable
Disable Watch Dog function
Enable
Enable the low voltage detect function
LVD
Disable
Disable the low voltage detect function
Enable
Enable ROM code Security function
Security
Disable
Disable ROM code Security function
Enable
Enable on-chip pull-up resisters
Pull_Up
Disable
Disable on-chip pull-up resisters
Notice:
The LVD function can improve the power on reset and brown-out reset performance. It will
increase about extra 100
µA current consumption at 5V if LVD is enabled. The minimum working
voltage will be affect by the OSG option. It is very important to check this code option.
Turn on the OSG will improve the EMI performance. But the side effect is to increase the lowest
valid working voltage level.
If users select “32K X’tal” in “High_Clk” option, assembler will force “OSG” to be enabled.
If users select “RC” in “High_Clk” option, assembler will force “High_Clk / 2” to be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com