Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602AS Datasheet(PDF) 47 Page - SONiX Technology Company

Part # SN8P1602AS
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AS Datasheet(HTML) 47 Page - SONiX Technology Company

Back Button SN8P1602AS Datasheet HTML 43Page - SONiX Technology Company SN8P1602AS Datasheet HTML 44Page - SONiX Technology Company SN8P1602AS Datasheet HTML 45Page - SONiX Technology Company SN8P1602AS Datasheet HTML 46Page - SONiX Technology Company SN8P1602AS Datasheet HTML 47Page - SONiX Technology Company SN8P1602AS Datasheet HTML 48Page - SONiX Technology Company SN8P1602AS Datasheet HTML 49Page - SONiX Technology Company SN8P1602AS Datasheet HTML 50Page - SONiX Technology Company SN8P1602AS Datasheet HTML 51Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 47
Revision 1.94
SYSTEM MODE DESCRIPTION
OVERVIEW
The chip is featured with low power consumption by switching around three different modes as following.
High-speed mode
Low-speed mode
Power-down mode (Sleep mode)
In actual application, user can adjust the MCU to work in one of these three modes by using OSCM register. At the
high-speed mode, the instruction cycle (Fcpu) is Fosc/4. At 3V, low-speed mode, the Fcpu is 16KHz/4.
NORMAL MODE
In normal mode, the system clock source is external high-speed clock. After power on, the system works under normal
mode. The instruction cycle is fosc/4. When the external high-speed oscillator is 3.58MHz, the instruction cycle is
3.58MHz/4 = 895KHz. All software and hardware are executed and working. In normal mode, system can get into
power down mode and slow mode.
SLOW MODE
In slow mode, the system clock source is internal low-speed RC clock. To set CLKMD = 1, the system switch to slow
mode. In slow mode, the system works as normal mode but the slower clock. The system in slow mode can get into
normal mode and power down mode. To set STPHX = 1 to stop the external high-speed oscillator, and then the
system consumes less power.
POWER DOWN MODE
The power down mode is also called sleep mode. The MCU stops working as sleeping status. The power consumption
is very less as zero. The power down mode is usually applied to power-saving system like battery-powered
productions. To set CUPM0 = 1, the system gets into power down mode. The external high-speed and low-speed
oscillators are turned off. The system can be waked up by P0, P1 trigger signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com