Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602AS Datasheet(PDF) 41 Page - SONiX Technology Company

Part # SN8P1602AS
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AS Datasheet(HTML) 41 Page - SONiX Technology Company

Back Button SN8P1602AS Datasheet HTML 37Page - SONiX Technology Company SN8P1602AS Datasheet HTML 38Page - SONiX Technology Company SN8P1602AS Datasheet HTML 39Page - SONiX Technology Company SN8P1602AS Datasheet HTML 40Page - SONiX Technology Company SN8P1602AS Datasheet HTML 41Page - SONiX Technology Company SN8P1602AS Datasheet HTML 42Page - SONiX Technology Company SN8P1602AS Datasheet HTML 43Page - SONiX Technology Company SN8P1602AS Datasheet HTML 44Page - SONiX Technology Company SN8P1602AS Datasheet HTML 45Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 41
Revision 1.94
7
7
7 OSCILLATORS
OVERVIEW
The SN8P1600 highly performs the dual clock micro-controller system. The dual clocks are high-speed clock and
low-speed clock. The high-speed clock frequency is supplied through the external oscillator circuit. The low-speed
clock frequency is supplied through on-chip RC oscillator circuit.
The external high-speed clock and the internal low-speed clock can be system clock (Fosc). The system clock is
divided by 4 to be the instruction cycle (Fcpu).
Fcpu = Fosc / 4
The system clock is required by the following peripheral modules:
Timer 0 (TC0)
Watchdog timer
CLOCK BLOCK DIAGRAM
fl
CPUM0
LXOSC.
fcpu
fosc/4
CPUM0
fh
HXOSC.
XIN
XOUT
STPHX
HXRC
CPUM0
Divided by 4
CLKMD
Divided by 2
OSG
Divided by 2
1 : Disable
0 : Enable
OSG : Oscillator Safe Guard
1 : Disable -- System Default
0 : Enable
HXRC(1:0) is code option
•00= RC
•01 =32 Khz Oscillator
•10 = High Speed Oscillator (>10Mhz)
•11 = Standard Oscillator (4Mhz)
fl
CPUM0
LXOSC.
fl
CPUM0
LXOSC.
fcpu
fosc/4
CPUM0
fcpu
fosc/4
CPUM0
fh
HXOSC.
XIN
XOUT
STPHX
HXRC
CPUM0
fh
HXOSC.
XIN
XOUT
STPHX
HXRC
CPUM0
Divided by 4
CLKMD
Divided by 4
Divided by 4
CLKMD
Divided by 2
Divided by 2
OSG
OSG
Divided by 2
1 : Disable
0 : Enable
OSG : Oscillator Safe Guard
1 : Disable -- System Default
0 : Enable
HXRC(1:0) is code option
•00= RC
•01 =32 Khz Oscillator
•10 = High Speed Oscillator (>10Mhz)
•11 = Standard Oscillator (4Mhz)
HXOSC: External high-speed clock.
LXOSC: Internal low-speed clock.
OSG: Oscillator safe guard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com