Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602AS Datasheet(PDF) 62 Page - SONiX Technology Company

Part # SN8P1602AS
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AS Datasheet(HTML) 62 Page - SONiX Technology Company

Back Button SN8P1602AS Datasheet HTML 58Page - SONiX Technology Company SN8P1602AS Datasheet HTML 59Page - SONiX Technology Company SN8P1602AS Datasheet HTML 60Page - SONiX Technology Company SN8P1602AS Datasheet HTML 61Page - SONiX Technology Company SN8P1602AS Datasheet HTML 62Page - SONiX Technology Company SN8P1602AS Datasheet HTML 63Page - SONiX Technology Company SN8P1602AS Datasheet HTML 64Page - SONiX Technology Company SN8P1602AS Datasheet HTML 65Page - SONiX Technology Company SN8P1602AS Datasheet HTML 66Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 62
Revision 1.94
TC1 CLOCK FREQUENCY OUTPUT (BUZZER)
TC1 timer counter provides a frequency output function. By setting the TC1 clock frequency, the clock signal is output
to P5.3 and the P5.3 general purpose I/O function is auto-disable. The TC1 output signal divides by 2. The TC1 clock
has many combinations and easily to make difference frequency. This function applies as buzzer output to output
multi-frequency.
Figure 8-1. The TC1OUT Pulse Frequency
Example: Setup TC1OUT output from TC1 to TC1OUT (P5.3). The external high-speed clock is 4MHz. The
TC1OUT frequency is 1KHz. Because the TC1OUT signal is divided by 2, set the TC1 clock to 2KHz. The
TC1 clock source is from external oscillator clock. TC1 rate is Fcpu/4. The TC1RATE2~TC1RATE1 = 110.
TC1C = TC1R = 131.
MOV
A,#01100000B
B0MOV
TC1M,A
; Set the TC1 rate to Fcpu/4
MOV
A,#131
; Set the auto-reload reference value
B0MOV
TC1C,A
B0MOV
TC1R,A
B0BSET
FTC1OUT
; Enable TC1 output to P5.3 and disable P5.3 I/O function
B0BSET
FALOAD1
; Enable TC1 auto-reload function
B0BSET
FTC1ENB
; Enable TC1 timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com