Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602AS Datasheet(PDF) 54 Page - SONiX Technology Company

Part # SN8P1602AS
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AS Datasheet(HTML) 54 Page - SONiX Technology Company

Back Button SN8P1602AS Datasheet HTML 50Page - SONiX Technology Company SN8P1602AS Datasheet HTML 51Page - SONiX Technology Company SN8P1602AS Datasheet HTML 52Page - SONiX Technology Company SN8P1602AS Datasheet HTML 53Page - SONiX Technology Company SN8P1602AS Datasheet HTML 54Page - SONiX Technology Company SN8P1602AS Datasheet HTML 55Page - SONiX Technology Company SN8P1602AS Datasheet HTML 56Page - SONiX Technology Company SN8P1602AS Datasheet HTML 57Page - SONiX Technology Company SN8P1602AS Datasheet HTML 58Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 54
Revision 1.94
TC0C COUNTING REGISTER
TC0C is an 8-bit counter register for the timer (TC0). TC0C must be reset whenever the TC0ENB is set to “1” to start
the timer. TC0C is incremented each time a clock pulse of the frequency determined by TC0RATE0 ~ TC0RATE2.
When TC0C has incremented to “0FFH”, it counts to “00H” an overflow generated. Under TC0 interrupt service request
(TC0IEN) enable condition, the TC0 interrupt request flag will be set to “1” and the system executes the interrupt
service routine. The TC0C has no auto reload function. After TC0C overflow, the TC0C is continuing counting. Users
need to reset TC0C value to get an accurate time.
0DBH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TC0C
TC0C7
TC0C6
TC0C5
TC0C4
TC0C3
TC0C2
TC0C1
TC0C0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
The basic timer table interval time of TC0.
High speed mode (fcpu = 3.58MHz / 4)
Low speed mode (fcpu = 32768Hz / 4)
TC0RATE TC0CLOCK
Max overflow interval
One step = max/256
Max overflow interval
One step = max/256
000
fcpu/256
73.2 ms
286us
8000 ms
31.25 ms
001
fcpu/128
36.6 ms
143us
4000 ms
15.63 ms
010
fcpu/64
18.3 ms
71.5us
2000 ms
7.8 ms
011
fcpu/32
9.15 ms
35.8us
1000 ms
3.9 ms
100
fcpu/16
4.57 ms
17.9us
500 ms
1.95 ms
101
fcpu/8
2.28 ms
8.94us
250 ms
0.98 ms
110
fcpu/4
1.14 ms
4.47us
125 ms
0.49 ms
111
fcpu/2
0.57 ms
2.23us
62.5 ms
0.24 ms
The equation of TC0C initial value is as following.
TC0C initial value = 256 - (TC0 interrupt interval time * input clock)
Example: To set 10ms interval time for TC0 interrupt at 3.58MHz high-speed mode. TC0C value (74H) =
256 - (10ms * fcpu/64)
TC0C initial value = 256 - (TC0 interrupt interval time * input clock)
= 256 - (10ms * 3.58 * 106 / 4 / 64)
= 256 - (10-2 * 3.58 * 106 / 4 / 64)
= 116
= 74H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com