Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602AS Datasheet(PDF) 87 Page - SONiX Technology Company

Part # SN8P1602AS
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AS Datasheet(HTML) 87 Page - SONiX Technology Company

Back Button SN8P1602AS Datasheet HTML 83Page - SONiX Technology Company SN8P1602AS Datasheet HTML 84Page - SONiX Technology Company SN8P1602AS Datasheet HTML 85Page - SONiX Technology Company SN8P1602AS Datasheet HTML 86Page - SONiX Technology Company SN8P1602AS Datasheet HTML 87Page - SONiX Technology Company SN8P1602AS Datasheet HTML 88Page - SONiX Technology Company SN8P1602AS Datasheet HTML 89Page - SONiX Technology Company SN8P1602AS Datasheet HTML 90Page - SONiX Technology Company SN8P1602AS Datasheet HTML 91Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 87
Revision 1.94
SN8P1604
(All of voltages referenced to Vss, Vdd = 5.0V, fosc = 3.579545 MHz, ambient temperature is 25
°C unless otherwise notice.)
PARAMETER
SYM.
DESCRIPTION
MIN.
TYP.
MAX.
UNIT
Normal mode, Vpp = Vdd (Check OSG note)
2.2
5.0
5.5
Operating voltage
Vdd
Programming mode, Vpp = 12.5V
4.5
5.0
5.5
V
RAM Data Retention voltage
Vdr
-
1.5
-
V
ViL1
All input pins except those specified below
Vss
-
0.3Vdd
V
ViL2
Input with Schmitt trigger buffer - Port0
Vss
-
0.2Vdd
V
ViL3
Reset pin ; Xin ( in RC mode )
Vss
-
0.3Vdd
V
Input Low Voltage
ViL4
Xin ( in X’tal mode )
Vss
-
0.3Vdd
V
ViH1
All input pins except those specified below
0.7Vdd
-
Vdd
V
ViH2
Input with Schmitt trigger buffer –Port0
0.8Vdd
-
Vdd
V
ViH3
Reset pin ; Xin ( in RC mode )
0.9Vdd
-
Vdd
V
Input High Voltage
ViH4
Xin ( in X’tal mode )
0.7Vdd
-
Vdd
V
Reset pin leakage current
Ilekg
Vin = Vdd
-
-
1
uA
I/O port pull-up resistor
Rup
Vin = Vss , Vdd = 5V
-
50
-
K
Ω
I/O port input leakage current
Ilekg
Pull-up resistor disable, Vin = Vdd
-
-
2
uA
Port1 output source current
IoH
Vop = Vdd – 0.5V
-
15
-
sink current
IoL
Vop = Vss + 0.5V
-
15
-
mA
Port2 output source current
IoH
Vop = Vdd – 0.5V
-
15
-
sink current
IoL
Vop = Vss + 0.5V
-
15
-
mA
INTn trigger pulse width
Tint0
INT0 ~ INT2 interrupt request pulse width
2/fcpu
-
-
cycle
Fosc
Crystal type or ceramic resonator
32768
4M
16M
VDD = 3V, RC type for external mode
-
6M
-
Oscillator Frequency
VDD = 5V, RC type for external mode
-
10M
-
Hz
Vdd= 5V 4Mhz
-
7
15
mA
Vdd= 3V 4Mhz
-
1.7
3.5
mA
Idd1
Run Mode
Vdd= 3V 32768Hz
-
50
100
uA
Vdd= 5V 32KHz Int RC
-
80
150
uA
Idd2
Slow mode
(Stop High Clock)
Vdd= 3V 16KHz Int RC
-
15
30
uA
Vdd= 5V
-
9
18
uA
Supply Current
(LVD OFF)
Idd3
Sleep mode
Vdd= 3V (SN8P1602)
-
2.5
6
uA
LVD Detect Voltage
Vdet
Low voltage detect level
2.4
2.5
2.8
V
LVD current
Ilvd
LVD enable operating current
-
100
180
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com