Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65166 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65166 Datasheet HTML 1Page - Texas Instruments TPS65166 Datasheet HTML 2Page - Texas Instruments TPS65166 Datasheet HTML 3Page - Texas Instruments TPS65166 Datasheet HTML 4Page - Texas Instruments TPS65166 Datasheet HTML 5Page - Texas Instruments TPS65166 Datasheet HTML 6Page - Texas Instruments TPS65166 Datasheet HTML 7Page - Texas Instruments TPS65166 Datasheet HTML 8Page - Texas Instruments TPS65166 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
(1)
TPS65166
SLVS976 – SEPTEMBER 2009.......................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)(2)
TA
ORDERING
PACKAGE
PACKAGE MARKING
–40°C to 85°C
TPS65166RHAR
6 × 6mm 40 Pin QFN
TPS65166
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The RHA package is available taped and reeled. Add R suffix to the device type (TPS65166RHAR) to order the device taped and
reeled. The RHA package has quantities of 3000 devices per reel.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Input voltage range AVIN, VIN1, VIN2, VIN3(2)
–0.3 to 20
V
Voltage range at SW1, SW2, SW3, SW4, GD, BASE2, RHVS, OS
–0.3 to 20
V
Voltage range at EN1, EN2, HVS
–0.3 to 20
V
Voltage range at COMP, SS, FB1,VSNS, FB2, FB3, FB4, TS, SET, FB5, DLY1, DLY2, PG
–0.3 to 7.0
V
Voltage difference VIN3 to SW5
40
V
BASE1
–9.5 to 0.3
V
ESD rating, Human Body Model
2
kV
ESD rating, Machine Model
200
V
ESD rating, Charged Device Model
700
V
Continuous total power dissipation
See Dissipation Rating Table
Operating junction temperature range, TJ
–40 to 150
°C
Operating ambient temperature range, TA
–40 to 85
°C
Storage temperature range, Tstg
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
PACKAGE
RθJA
TA ≤ 25°C
TA = 70°C
TA = 85°C
POWER RATING
POWER RATING
POWER RATING
40 pin QFN
35°C/W
2.8W
1.6W
1.1W
(1)
Soldered Power Pad on a standard 2-Layer PCB without vias for thermal pad. See the Texas Instruments Application report (SLMA002)
regarding thermal characteristics of the PowerPAD package.
MIN
TYP
MAX
UNIT
VIN
Input voltage range (AVIN, VIN1, VIN2, VIN3)
8.5
14.7
V
VIN3
Overvoltage protection 15V for buck-boost converter
15
V
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
Refer to application section for further information
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com