Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65166 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65166 Datasheet HTML 2Page - Texas Instruments TPS65166 Datasheet HTML 3Page - Texas Instruments TPS65166 Datasheet HTML 4Page - Texas Instruments TPS65166 Datasheet HTML 5Page - Texas Instruments TPS65166 Datasheet HTML 6Page - Texas Instruments TPS65166 Datasheet HTML 7Page - Texas Instruments TPS65166 Datasheet HTML 8Page - Texas Instruments TPS65166 Datasheet HTML 9Page - Texas Instruments TPS65166 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
TPS65166
SLVS976 – SEPTEMBER 2009.......................................................................................................................................................................................... www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
BASE1
18
O
Base drive of the external npn transistor for the negative supply VSS
DLY2
19
O
Delay pin EN2 high to enable charge pump VONE
FB4
20
I
Feedback for the positive supply VONE
BASE2
21
I
Base drive of the external pnp transistor for the positive charge pump VONE
NC
22, 23
Not connected
AGND/VL-
24
Analog ground and connection of the bypass capacitor of VL-
SET
25
I
Input pin for the reference voltage to set the higher limit for the temperature compensation for
VOFFE
TS
26
I
Input pin for the NTC temperature sensor
FB5
27
I
Feedback pin for the negative buck-boost converter VOFFE
NC
28, 29
Not connected
SW5
30
O
Switch pin for the negative buck-boost converter generating VOFFE
VIN3
31
I
Input supply for the buck-boost converter generating VOFFE
RHVS
32
I
This pin is pulled low when HVS is high. The resistor connected to this pin sets the boost
converter output voltage when HVS is pulled high
FB1
33
I
Feedback for the boost converter VS
COMP
34
O
Compensation pin for the boost converter
VL+
35
O
Output of the internal logic regulator. Connect a capacitor between this pin and AGND/VL-
OS
36
I
Connect this pin to the boost converter output for overvoltage protection
SW1, SW2
37, 38
I
Switch pin for the boost converter and the positive charge pump VONE
PGND1,
39, 40
Power ground for the boost converter VS
PGND2
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com