Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65166 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65166 Datasheet HTML 1Page - Texas Instruments TPS65166 Datasheet HTML 2Page - Texas Instruments TPS65166 Datasheet HTML 3Page - Texas Instruments TPS65166 Datasheet HTML 4Page - Texas Instruments TPS65166 Datasheet HTML 5Page - Texas Instruments TPS65166 Datasheet HTML 6Page - Texas Instruments TPS65166 Datasheet HTML 7Page - Texas Instruments TPS65166 Datasheet HTML 8Page - Texas Instruments TPS65166 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
TYPICAL APPLICATION
Boost
Converter
WithHVS
Buck
Converter
NegativeShunt
Regulator
InvertingBuckBoost
With
Temperature
Compensation
Sequencing
AndLogic
Positive
Charge
Pump
PowerGood
Vs
15V/2.9A
Vlogic
3.3V/2.4A
VONE
28V/150mA
VOFFE
-22to-11V/200mA
Vss
-7.5V/100mA
Vin
12 V
TPS65166
www.ti.com.......................................................................................................................................................................................... SLVS976 – SEPTEMBER 2009
Compact LCD Bias Supply for TFT-LCD TV Panels
• LCD TV Panel with ASG Technology
2
• 8.5V to 14.7V Input Voltage Range
• V
S Output Voltage Range up to 19V
• Boost Converter with 4.2A Switch Current
The TPS65166 offers a compact power supply
• Step Down Converter with 2.6A Switch Current
solution to provide all voltages required by a LCD
and Adjustable Output 2.5V to 3.3V
panel for large TV panel applications running from a
• 750kHz Fixed Switching Frequency
12V supply rail. The device is optimized to support
• Temperature Compensated Negative Supply
LCD technology using ASG gate drive circuits.
• High Voltage Stress Test (HVS)
The device generates all voltage rails for the TFT
LCD bias (VS, VONE, VOFFE, VSS). In addition to that it
• Adjustable Sequencing
includes a step-down converter (Vlogic) to provide the
• Gate Drive Signal for Isolation Switch
logic voltage. By pulling the HVS pin high an
• Short Circuit Protection
implemented
high
voltage
stress
test
feature
• Internal Soft-Start
programs the boost converter output voltage Vs to
higher values. The boost converter operates at a
• 180° Phase Shift Between Buck and Boost
fixed switching frequency of 750kHz. The positive
• P2P Short/Open Certified
charge pump is running from the boost converter and
• Optimized Dual Layer PCB Layout
is regulated by an external transistor. A buck-boost
converter
provides
an
adjustable
temperature
• Low EMI
dependent
negative
output
voltage
VOFFE. The
• Undervoltage Lockout
negative output voltage VSS is regulated by a shunt
• Thermal Shutdown
regulator.
• Available in 6×6mm 40 Pin QFN Package
Safety features like overvoltage protection of the
buck-boost input voltage, the boost and buck output
voltage, undervoltage lockout, short circuit protection
of VONE, VOFFE, and Vlogic are included as well as
thermal shutdown.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65166

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160 TI2-TPS65160 Datasheet
935Kb / 29P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
REVISED MARCH 2013
TPS65160A TI-TPS65160A Datasheet
730Kb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160A TI2-TPS65160A Datasheet
935Kb / 29P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
REVISED MARCH 2013
TPS65160APWP TI-TPS65160APWP Datasheet
730Kb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
More results

Similar Description - TPS65166

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65161 TI-TPS65161_08 Datasheet
809Kb / 31P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBR TI-TPS65165RSBR Datasheet
1Mb / 30P
Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
logo
Global Mixed-mode Techn...
G5520A GMT-G5520A Datasheet
186Kb / 1P
Bias Power Supply for TFT LCD Panels
G5520 GMT-G5520 Datasheet
140Kb / 1P
Bias Power Supply for TFT LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com