Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65166 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65166 Datasheet HTML 1Page - Texas Instruments TPS65166 Datasheet HTML 2Page - Texas Instruments TPS65166 Datasheet HTML 3Page - Texas Instruments TPS65166 Datasheet HTML 4Page - Texas Instruments TPS65166 Datasheet HTML 5Page - Texas Instruments TPS65166 Datasheet HTML 6Page - Texas Instruments TPS65166 Datasheet HTML 7Page - Texas Instruments TPS65166 Datasheet HTML 8Page - Texas Instruments TPS65166 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
DEVICE INFORMATION
PACKAGE
6
7
8
9
10
25
24
23
22
21
11
12
13
14
15
16
35
36
37
38
39
40
Exposed
ThermalDie
*
SW3
SW4
NC
VSNS
FB 2
SET
AGND/VL-
NC
NC
BASE2
18
19
20
30
29
28
27
26
SW 5
NC
NC
FB 5
TS
1
2
3
4
5
GD
AVIN
VIN1
VIN2
NC
31
32
33
17
34
40Pin6mmx6mmQFN
(TopView)
TPS65166
www.ti.com.......................................................................................................................................................................................... SLVS976 – SEPTEMBER 2009
NOTE: The thermally enhance Power Pad is connected to GND
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
GD
1
I
Gate drive pin for the external isolation MOSFET.
AVIN
2
I
Input voltage supply pin for the analog circuit.
VIN1, VIN2
3,4
I
Input supply for the buck converter generating Vlogic
NC
5
Not connected
SW3, SW4
6,7
O
Switch pin for the buck converter generating Vlogic
NC
8
Not connected
VSNS
9
I
Reference voltage input for the buck-boost and negative shunt regulator
FB2
10
I
Feedback pin for the buck converter.
PG
11
I
Power good output latched high when VS and VONE are in regulation
DLY1
12
O
Delay pin EN2 high to enable boost converter VS
EN1
13
I
Enable of the buck converter Vlogic
EN2
14
I
Enable of the negative supplies VSS and VOFFE, enable DLY1 and DLY2
HVS
15
I
Logic pin to enable high voltage stress test. This allows programming the boost converter VS to a
higher voltage
FB3
16
I
Feedback of the negative supply VSS
SS
17
O
Soft-start for the boost converter VS
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com