Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65166 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 4 Page - Texas Instruments

  TPS65166 Datasheet HTML 1Page - Texas Instruments TPS65166 Datasheet HTML 2Page - Texas Instruments TPS65166 Datasheet HTML 3Page - Texas Instruments TPS65166 Datasheet HTML 4Page - Texas Instruments TPS65166 Datasheet HTML 5Page - Texas Instruments TPS65166 Datasheet HTML 6Page - Texas Instruments TPS65166 Datasheet HTML 7Page - Texas Instruments TPS65166 Datasheet HTML 8Page - Texas Instruments TPS65166 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
TPS65166
SLVS976 – SEPTEMBER 2009.......................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
AVIN=VIN1=VIN2=VIN3=12V, EN1=EN2=VIN, VS=15V, Vlogic=3.3V, TA = –40°C to 85°C, typical values are at TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILIM
N-MOSFET switch current limit
2.6
3.4
4.2
A
Ileak
Switch leakage current
Vsw = 0V
1
µA
Line regulation
8.5V
≤ VIN ≤ 14.7V, Iout = 1mA
0.006
%/V
1mA
≤ Iout ≤ 100mA
0.042
%/mA
Load regulation
100mA
≤ Iout ≤ 2.5A
0.06
%/A
NEGATIVE SHUNT REGULATOR (Vss)
VBase1
Base1 voltage range
Transistor leakage maximum 5
µA
–9.5
0.3
V
IBase1
Base1 drive source current
VFB3 = VFB3nominal – 5%
5
mA
0.75 ×
VFB3
Feedback regulation voltage
–5%
5%
V
Vlogic
IFB3
Feedback input bias current
VFB3 = 1.24V
10
100
nA
Line regulation
8.5V
≤ VIN ≤ 14.7V, Iout = 1mA
0.006
%/V
Load regulation
1mA
≤ Iout ≤ 100mA
0.0004
%/mA
NEGATIVE BUCK BOOST CONVERTER (VOFFE)
Vovp
VIN3 overvoltage protection
15
V
VOFFE
Adjustable output voltage range
–22
-5
V
RDS(on)
P-MOSFET on resistance
ISW5 at current limit
0.9
1.6
Ω
ILIM
P-MOSFET current limit
1.1
1.4
A
Regulation accuracy upper limit
VTS = 1V, VSET = 1.9V
1.8
1.9
2.0
V
VFB5
Regulation accuracy
VTS = 1V, VSET = 2.4V
1.9
2
2.1
V
Regulation accuracy lower limit
VTS = 0.7V, VSET = 2.4V
1.57
1.65
1.73
V
IFB5
Feedback input bias current
VFB5 = 2V
10
100
nA
ITS
TS input bias current
VTS = 1V
10
100
nA
ISET
SET input bias current
VSET = 3V
3
5
µA
Line regulation
8.5V
≤ VIN ≤ 14.7V, Iout = 1mA
0.003
%/V
Load regulation
1mA
≤ Iout ≤ 200mA, VOFFE = –11V
0.0005
%/mA
POSITIVE CHARGE PUMP (VONE)
Base2 drive sink current
VFB4 = VFB4nominal-5%
8
14
mA
IBase2
Base2 drive sink current (SC-Mode)
VFB4 = GND
40
50
70
µA
VBase2
Base drive voltage range
20
V
VFB4
Feedback regulation voltage
1.18
1.24
1.30
V
IFB4
Feedback input bias current
VFB4 = 1.24V
10
100
nA
Line regulation
8.5V
≤ VIN ≤ 14.7V, Iout = 1mA
0.9
%/V
Load regulation
1mA
≤ Iout ≤ 150mA, VOFFE = –11V
0.004
%/mA
HIGH VOLTAGE STRESS TEST (HVS), RHVS
RHVS
RHVS pull down resistance
HVS = high, IHVS = 500µA
350
450
550
Ω
IRHVS
RHVS leakage current
HVS = low, VRHVS = 5V
100
nA
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com