Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65166 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65166 Datasheet HTML 5Page - Texas Instruments TPS65166 Datasheet HTML 6Page - Texas Instruments TPS65166 Datasheet HTML 7Page - Texas Instruments TPS65166 Datasheet HTML 8Page - Texas Instruments TPS65166 Datasheet HTML 9Page - Texas Instruments TPS65166 Datasheet HTML 10Page - Texas Instruments TPS65166 Datasheet HTML 11Page - Texas Instruments TPS65166 Datasheet HTML 12Page - Texas Instruments TPS65166 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
TPS65166
www.ti.com.......................................................................................................................................................................................... SLVS976 – SEPTEMBER 2009
FIGURE
Start-up Sequence
Startup sequencing
Figure 1
Startup sequencing
Figure 2
Boost Converter
Soft-start boost converter
Figure 3
Efficiency boost converter
vs load current
Figure 4
PWM operation
at nominal load current
Figure 5
PWM operation
at light load current
Figure 6
Load transient response boost converter
Figure 7
Overvoltage protection
Figure 8
Buck Converter
Efficiency buck converter
vs load current
Figure 9
Soft-start buck converter
Figure 10
PWM operation
at nominal load current
Figure 11
PWM operation
at light load current
Figure 12
Load transient response buck converter
Figure 13
180° Phase shift between boost and buck converter
Figure 14
Buck Boost Converter
Efficiency buck boost converter
vs load current
Figure 15
PWM operation
at nominal load current
Figure 16
Load transient response buck boost converter
Figure 17
PWM operation
at light load current
Figure 18
Charge Pump
Load transient response positive charge pump
boost voltage Vs = 15V
Figure 19
Load transient response positive charge pump
boost voltage Vs = 18V
Figure 20
Shunt Regulator
Load transient response negative shunt regulator
Figure 21
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com