Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65166 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS65166 Datasheet HTML 12Page - Texas Instruments TPS65166 Datasheet HTML 13Page - Texas Instruments TPS65166 Datasheet HTML 14Page - Texas Instruments TPS65166 Datasheet HTML 15Page - Texas Instruments TPS65166 Datasheet HTML 16Page - Texas Instruments TPS65166 Datasheet HTML 17Page - Texas Instruments TPS65166 Datasheet HTML 18Page - Texas Instruments TPS65166 Datasheet HTML 19Page - Texas Instruments TPS65166 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
APPLICATION INFORMATION
Thermal Shutdown
Undervoltage Lockout
Short Circuit Protection
TPS65166
SLVS976 – SEPTEMBER 2009.......................................................................................................................................................................................... www.ti.com
Figure 22. Control Block TPS65166
A thermal shutdown is implemented to prevent damages because of excessive heat and power dissipation. Once
a temperature of typlically 150°C is exceeded the device enters shutdown. It enables again if the temperature
drops below the threshold temperature of typically 135 °C and does normal startup.
To avoid mis-operation of the device at low input voltages an undervoltage lockout is included, which shuts down
the device at voltages lower than typically 8.0V.
The positive charge pump controller VONE will run with reduced current (typ. 50 µA) and disables the boost
converter if short circuit is detected (FB4 falls below 100 mV). An exception is made at startup. If VONE has once
passed the short level threshold (FB4 is above 100 mV), the boost converter will not be disabled until Power
Good of VONE has been detected. In case there is already a short when the device is activated the charge pump
controller VONE will run with reduced current and the boost converter will not start until the short is removed and
VONE passes the short level threshold.
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com