Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65166 Datasheet(PDF) 28 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS65166 Datasheet HTML 24Page - Texas Instruments TPS65166 Datasheet HTML 25Page - Texas Instruments TPS65166 Datasheet HTML 26Page - Texas Instruments TPS65166 Datasheet HTML 27Page - Texas Instruments TPS65166 Datasheet HTML 28Page - Texas Instruments TPS65166 Datasheet HTML 29Page - Texas Instruments TPS65166 Datasheet HTML 30Page - Texas Instruments TPS65166 Datasheet HTML 31Page - Texas Instruments TPS65166 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
6kW
7kW
8kW
9kW
10kW
11kW
-23V
-22V
-21V
-20V
-19V
-18V
-17V
-16V
-15V
-14V
-13V
-12V
-11V
-10V
-10ºC
0ºC
10ºC
20ºC
30ºC
40ºC
50ºC
-23V
-22V
-21V
-20V
-19V
-18V
-17V
-16V
-15V
-14V
-13V
-12V
-11V
-10V
-10ºC
0ºC
10ºC
20ºC
30ºC
40ºC
50ºC
10kW
12kW
15kW
20kW
25kW
30kW
3.5kW
4kW
4.5kW
5kW
5.2kW
5.5kW
-23V
-22V
-21V
-20V
-19V
-18V
-17V
-16V
-15V
-14V
-13V
-12V
-11V
-10V
-10ºC
0ºC
10ºC
20ºC
30ºC
40ºC
50ºC
2.5kW
2.7kW
2.8kW
2.9kW
3kW
3.1kW
-23V
-22V
-21V
-20V
-19V
-18V
-17V
-16V
-15V
-14V
-13V
-12V
-11V
-10V
-10ºC
0ºC
10ºC
20ºC
30ºC
40ºC
50ºC
R18=open
R18=51kW
R18=20kW
R18=10kW
Buck-Boost Converter Design Procedure
out
in
out
in
out
swpeak
out
in
swpeak
V
1. Converter Duty Cycle:
D =
V
V
V
D
2. Maximum output current: I
=
I
-
(1 D)
2fs×L
I
V
D
3. Peak switch current:
I
=
+
1 D
2fs
L
-
´ h -
´
æ
ö
´
-
ç
÷
è
ø
-
-
´
(32)
TPS65166
SLVS976 – SEPTEMBER 2009.......................................................................................................................................................................................... www.ti.com
Figure 30. Temperature Compensation Examples for R18 = open, 51 k
Ω, 20 kΩ, 10 kΩ
The first step in the design procedure is to verify whether the maximum possible output current of the buck-boost
converter supports the specific application requirements. To simplify the calculation, the fastest approach is to
estimate converter efficiency by taking the efficiency numbers from the provided efficiency curves or to use a
worst case assumption for the expected efficiency, e.g., 80%. The calculation must be performed for the
minimum assumed input voltage where the peak switch current is the highest. The inductor and external
Schottky diode have to be able to handle this current.
With,
Iswpeak = Converter peak switch current (minimum switch current limit = 1.1A)
fs = Converter switching frequency (typical 750 kHz)
L = Selected inductor value
η = Estimated converter efficiency (use the number from the efficiency curves or 0.8 as an assumption)
28
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com