Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF032 Datasheet(PDF) 19 Page - Silicon Storage Technology, Inc

Part # SST48CF032
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF032 Datasheet(HTML) 19 Page - Silicon Storage Technology, Inc

Back Button SST48CF032 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 23Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
19
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.3.10 I/O Input (Read) Timing Specification
Note: The maximum load on -INPACK and -IOIS16 is 1 LSTTL with 50pF total load.
All AC specifications are guaranteed by design.
FIGURE
2-5: I/O READ TIMING DIAGRAM
TABLE
2-7: I/O READ TIMING
Item
Symbol
IEEE Symbol
Min1
1. All times are in nanoseconds.
Max1
Data Delay after IORD
td(IORD)
tlGLQV
100
Data Hold following IORD
th(IORD)
tlGHQX
0
IORD Width Time
tw(IORD)
tlGLIGH
165
Address Setup before IORD
tsuA(IORD)
tAVIGL
70
Address Hold following IORD
thA(IORD)
tlGHAX
20
CE Setup before IORD
tsuCE(IORD)
tELIGL
5
CE Hold following IORD
thCE(IORD)
tlGHEH
20
REG Setup before IORD
tsuREG(IORD)
tRGLIGL
5
REG Hold following IORD
thREG(IORD)
tlGHRGH
0
INPACK Delay Falling from IORD
tdfINPACK(IORD)
tlGLIAL
0
45
INPACK Delay Rising from IORD
tdrINPACK(IORD)
tlGHIAH
45
IOIS16 Delay Falling from Address
tdfIOIS16(ADR)
tAVISL
35
IOIS16 Delay Rising from Address
tdrIOIS16(ADR)
tAVISH
35
T2-7.1 375
375 ILL2-5.0
-REG
tdrINPACK(IORD)
tdfINPACK(IORD)
tdrIOIS16(ADR)
thA(IORD)
thREG(IORD)
thCE(IORD)
td(IORD)
th(IORD)
Dout
tw(IORD)
tsuA(IORD)
tsuREG(IORD)
tsuCE(IORD)
An
-CE
-IORD
-INPACK
-IOIS16
Dout
tdfIOIS16(ADR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com