Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF032 Datasheet(PDF) 35 Page - Silicon Storage Technology, Inc

Part # SST48CF032
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF032 Datasheet(HTML) 35 Page - Silicon Storage Technology, Inc

Back Button SST48CF032 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 39Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
35
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.1.5.8 Drive/Head (LBA 27-24) Register (Address 1F6H[176H]; Offset 6)
The Drive/Head register is used to select the drive and head. It is also used to select LBA addressing instead of
cylinder/head/sector addressing. The bits are defined as follows:
Bit 7
This bit is set to 1.
Bit 6
LBA is a flag to select either Cylinder/Head/Sector (CHS) or Logical Block Address
Mode (LBA). When LBA=0, Cylinder/Head/Sector mode is selected. When LBA=1,
Logical Block Address is selected. In Logical Block Mode, the Logical Block Address is
interpreted as follows:
LBA7-LBA0: Sector Number Register D7-D0.
LBA15-LBA8: Cylinder Low Register D7-D0.
LBA23-LBA16: Cylinder High Register D7-D0.
LBA27-LBA24: Drive/Head Register bits HS3-HS0.
Bit 5
This bit is set to 1.
Bit 4 (DRV)
DRV is the drive number. When DRV=0, drive (card) 0 is selected. When DRV=1, drive
(card) 1 is selected. The CompactFlash card is set to be Card 0 or 1 using the copy field
(Drive #) of the PCMCIA Socket & Copy configuration register.
Bit 3 (HS3)
When operating in the Cylinder, Head, Sector mode, this is bit 3 of the head number. It is
Bit 27 in the Logical Block Address mode.
Bit 2 (HS2)
When operating in the Cylinder, Head, Sector mode, this is bit 2 of the head number. It is
Bit 26 in the Logical Block Address mode.
Bit 1 (HS1)
When operating in the Cylinder, Head, Sector mode, this is bit 1 of the head number. It is
Bit 25 in the Logical Block Address mode.
Bit 0 (HS0)
When operating in the Cylinder, Head, Sector mode, this is bit 0 of the head number. It is
Bit 24 in the Logical Block Address mode.
D7
D6
D5
D4
D3
D2
D1
D0
1
LBA
1
DRV
HS3
HS2
HS1
HS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com