Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF032 Datasheet(PDF) 57 Page - Silicon Storage Technology, Inc

Part # SST48CF032
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF032 Datasheet(HTML) 57 Page - Silicon Storage Technology, Inc

Back Button SST48CF032 Datasheet HTML 52Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 53Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 54Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 55Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 56Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 57Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 58Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 59Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 60Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
57
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
4.0 APPENDIX
4.1 Differences between CF-ATA and PC Card-ATA/True IDE
This section details differences between CF-ATA vs. PC Card ATA and the differences between CF-ATA vs. True IDE.
4.1.1 Electrical Differences
4.1.1.1 TTL Compatibility
CF is not TTL compatible, it is a purely CMOS interface. Refer to section 2.3.2 of this specification.
4.1.1.2 Pull Up Resistor Input Leakage Current
The minimum pull up resistor input leakage current is 50K ohms rather than the 10K ohms stated in the PCMCIA
specification.
4.1.2 Functional Differences
4.1.2.1 Additional Set Features Codes in CF-ATA
The following Set Features codes are not PC Card ATA or True IDE, but provide additional functionality in CF-ATA.
•
69H, Accepted for backward compatibility
•
96H, Accepted for backward compatibility
•
97H, Accepted for backward compatibility
•
9AH, Set the host current source capability
4.1.2.2 Additional Commands in CF-ATA
The following commands are not standard PC Card ATA commands, but provide additional functionality in CF-ATA.
The command codes for the commands below are defined as vendor unique in PC Card ATA/True IDE.
•
C0H, Erase Sectors
•
87H, Translate Sector
•
F5H, Wear Level
The command codes for the commands below are defined as reserved in PC Card ATA/True IDE:
•
03H, Request Sense
•
38H, Write Without Erase
•
CDH, Write Multiple Without Erase
4.1.2.3 Idle Timer
The Idle timer uses an incremental value of 5 ms, rather than the 5 sec minimum increment value specified in PC
Card ATA/True IDE.
4.1.2.4 Recovery from Sleep Mode
For CF devices, recovery from sleep mode is accomplished by simply issuing another command to the device. A
hardware or software reset is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com