Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF032 Datasheet(PDF) 49 Page - Silicon Storage Technology, Inc

Part # SST48CF032
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF032 Datasheet(HTML) 49 Page - Silicon Storage Technology, Inc

Back Button SST48CF032 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 46Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 48Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 49Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 50Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 51Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 52Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 53Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
49
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
Features 01H and 81H are used to enable and clear 8-bit data transfer modes in True IDE Mode. If the
01H feature command is issued all data transfers will occur on the low order D7-D0 data bus and the
IOIS16 signal will not be asserted for data register accesses.
Features 55H and BBH are the default features for the CompactFlash card; thus, the host does not
have to issue this command with these features unless it is necessary for compatibility reasons.
Features 66H and CCH can be used to enable and disable whether the Power On Reset (POR)
Defaults will be set when a soft reset occurs. The default setting is to revert to the POR defaults when a
soft reset occurs.
3.2.1.18 Set Multiple Mode - C6H
This command enables the CompactFlash card to perform Read and Write Multiple operations and
establishes the block count for these commands. The Sector Count Register is loaded with the number
of sectors per block. Upon receipt of the command, the CompactFlash card sets BSY to 1 and checks
the Sector Count Register.
If the Sector Count Register contains a valid value and the block count is supported, the value is loaded
for all subsequent Read Multiple and Write Multiple commands and execution of those commands is
enabled. If a block count is not supported, an Aborted Command error is posted, and Read Multiple and
Write Multiple commands are disabled. If the Sector Count Register contains 0 when the command is
issued, Read and Write Multiple commands are disabled. At power on, or after a hardware or (unless
disabled by a Set Feature command) software reset, the default mode is Read and Write Multiple
disabled.
TABLE 3-10: FEATURES SUPPORTED
Feature
Operation
01H
Enable 8-bit data transfers.
55H
Disable Read Look Ahead.
66H
Disable Power on Reset (POR) establishment of defaults at Soft Reset.
69H
NOP - Accepted for backward compatibility.
81H
Disable 8-bit data transfer.
96H
NOP - Accepted for backward compatibility.
97H
Accepted for backward compatibility. Use of this Feature is not recommended.
9AH
NOP- accepted for compatibility.
BBH
4 Bytes of data apply on Read/Write Long commands.
CCH
Enable Power on Reset (POR) establishment of defaults at Soft Reset.
T3-10.0 375
Bit ->
76
54
32
10
Command (7)
C6H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Sector Count
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com