Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF032 Datasheet(PDF) 20 Page - Silicon Storage Technology, Inc

Part # SST48CF032
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF032 Datasheet(HTML) 20 Page - Silicon Storage Technology, Inc

Back Button SST48CF032 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 24Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
20
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.3.11 I/O Output (Write) Timing Specification
Note: The maximum load on -INPACK, and -IOIS16 is 1 LSTTL with 50pF total load.
All AC specifications are guaranteed by design.
FIGURE
2-6: I/O WRITE TIMING DIAGRAM
TABLE
2-8: I/O WRITE TIMING
Item
Symbol
IEEE Symbol
Min1
1. All times are in nanoseconds.
Max1
Data Setup before IOWR
tsu(IOWR)
tDVIWH
60
Data Hold following IOWR
th(IOWR)
tlWHDX
30
IOWR Width Time
tw(IOWR)
tlWLIWH
165
Address Setup before IOWR
tsuA(IOWR)
tAVIWL
70
Address Hold following IOWR
thA(IOWR)
tlWHAX
20
CE Setup before IOWR
tsuCE(IOWR)
tELIWL
5
CE Hold following IOWR
thCE(IOWR)
tlWHEH
20
REG Setup before IOWR
tsuREG(IOWR)
tRGLIWL
5
REG Hold following IOWR
thREG(IOWR)
tlWHRGH
0
IOIS16 Delay Falling from Address
tdfIOIS16(ADR)
tAVISL
35
IOIS16 Delay Rising from Address
tdrIOIS16(ADR)
tAVISH
35
T2-8.1 375
375 ILL2-6.0
-REG
tdrIOIS16(ADR)
thA(IOWR)
thREG(IOWR)
thCE(IOWR)
tw(IOWR)
tdfIOIS16(ADR)
tsu(IOWR)
th(IOWR)
Din Valid
tsuA(IOWR)
tsuREG(IOWR)
tsuCE(IOWR)
An
-CE
-IOWR
-IOIS16
Din



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com