Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF032 Datasheet(PDF) 58 Page - Silicon Storage Technology, Inc

Part # SST48CF032
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF032 Datasheet(HTML) 58 Page - Silicon Storage Technology, Inc

Back Button SST48CF032 Datasheet HTML 52Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 53Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 54Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 55Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 56Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 57Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 58Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 59Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 60Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
58
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
5.0 PHYSICAL DIMENSIONS
FIGURE
5-1: TYPE 1 COMPACTFLASH CARD DIMENSIONS
TABLE
5-1: TYPE I COMPACTFLASH STORAGE CARD PHYSICAL SPECIFICATIONS
Length: 36.4 ± 0.15 mm (1.433 ±.006 in.)
Width: 42.80 ± 0.10 mm (1.685 ±.004 in.)
Thickness:
(Including Label Area)
3.3 mm ± 0.10 mm (.130 ± .004in.)
T5-1.0 375
26
50
1
3.30mm ± .10
(.130 in. ± .004)
4X R 0.5mm ± .1
(4X R .020 in. ± .004)
TO
P
42.80mm ±.10
(1.685 in. ± .004)
Note: The optional notched configuration was shown in the CF Specification Rev. 1.0.
In specification Rev. 1.2, the notch was removed for ease of tooling. This optional configuration
can be used but it is not recommended.
375 ILL5-1.0
25
41.66mm ±.13 (1.640 in. ± .005)
0.63mm ±.07
(.025 in. ± .003)
0.76mm ±.07
(.030 in. ± .003)
2X 3.00mm ±.07
(2X .118 in. ± .003)
2.15mm ±.07
(.085 in. ± .003)
.99mm ±.05
(.039 in. ± .002)
1.01mm ±.07
(.039 in. ± .003)
1.01mm ±.07
(.039 in. ± .003)
1.60mm ±.05
(.063 in. ± .002)
2.44mm ±.07
(.096 in. ± .003)
Optional
Configuration
(See note.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com