Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF032 Datasheet(PDF) 14 Page - Silicon Storage Technology, Inc

Part # SST48CF032
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF032 Datasheet(HTML) 14 Page - Silicon Storage Technology, Inc

Back Button SST48CF032 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 18Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
14
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.3.2 Input Characteristics
2.3.3 Output Drive Type
All output drive type are CMOS level.
2.3.4 Output Drive Characteristics
2.3.5 Interface/Bus Timing
There are two types of bus cycles and timing sequences that occur in the PCMCIA type interface, a direct mapped
I/O transfer and a memory access. The two timing sequences are explained in detail in the PCMCIA PC Card Stan-
dard. SST’s CompactFlash card conforms to the timing in that reference document.
Type
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Units
VDD = 3.3V
VDD = 5.0V
1
Input Voltage
VIH
2.4
2.4
Volts
CMOS
VIL
0.6
0.8
2
Input Voltage
VIH
2.0
2.7
Volts
CMOS
VIL
0.8
0.8
3
Input Voltage
VTH
2.0
2.4
Volts
CMOS Schmitt Trigger
VTL
0.5
0.8
4
Input Voltage CMOS
VTH
1.8
2.4
Volts
Schmitt Trigger
VTL
0.9
0.8
Type
Parameter
Symbol
Conditions
Min
Typ
Max
Units
O1
Output Voltage
VOH
IOH = -4 mA
VDD -0.8V
Volts
VOL
IOL = 4 mA
GND +0.4V
O2
Output Voltage
VOH
IOH = -8 mA
VDD -0.8V
Volts
VOL
IOL = 8 mA
GND +0.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com