Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF032 Datasheet(PDF) 55 Page - Silicon Storage Technology, Inc

Part # SST48CF032
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF032 Datasheet(HTML) 55 Page - Silicon Storage Technology, Inc

Back Button SST48CF032 Datasheet HTML 51Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 52Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 53Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 54Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 55Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 56Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 57Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 58Page - Silicon Storage Technology, Inc SST48CF032 Datasheet HTML 59Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
55
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.2.1.29 Write Sector(s) without Erase - 38H
This command causes the CompactFlash card to set BSY, enter the Idle mode, clear BSY and generate
an interrupt. If the sector count is non-zero, it is interpreted as a timer count with each count being 5
milliseconds and the automatic power down mode is enabled. If the sector count is zero, the automatic
power down mode is also enabled, the timer count is set to 3, with each count being 5 ms. Note that this
time base (5 msec) is different from the ATA specification.
3.2.1.30 Write Verify - 3CH
This command is similar to the Write Sector(s) command, except each sector is verified immediately
after being written. This command has the same protocol as the Write Sector(s) command.
Bit ->
76
54
32
10
Command (7)
38H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
X
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
38H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com