Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110 Datasheet(PDF) 17 Page - Texas Instruments

Part # TNETE110
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TNETE110 Datasheet HTML 13Page - Texas Instruments TNETE110 Datasheet HTML 14Page - Texas Instruments TNETE110 Datasheet HTML 15Page - Texas Instruments TNETE110 Datasheet HTML 16Page - Texas Instruments TNETE110 Datasheet HTML 17Page - Texas Instruments TNETE110 Datasheet HTML 18Page - Texas Instruments TNETE110 Datasheet HTML 19Page - Texas Instruments TNETE110 Datasheet HTML 20Page - Texas Instruments TNETE110 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ThunderLAN
™ TNETE110
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS018B – MARCH 1995 - REVISED MAY 1996
17
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
tVAL(PTP)
Delay time, PCLK to bused signals valid point-to-point (see Notes 15 and 16)
2
12
ns
ton
Float to active delay
2
ns
toff
Active to float delay
28
ns
NOTES: 14. Some of the timing symbols in this table currently are not listed with EIA or JEDEC standards for semiconductor symbology, but are
consistent with the PCI Local-Bus Specification, Revision 2.0.
15. Minimum times are measured with a 0-pF equivalent load; maximum times are measured with a 50-pF equivalent load. Actual test
capacitance can vary, but results should be correlated to these specifications.
16. PREQ and PGNT are point-to-point signals, and have different output valid delay and input setup times than do bused signals. PGNT
has a setup time of 10 ns; PREQ has a setup time of 12 ns. All other signals are bused.
timing requirements of PCI 5 V and 3.3 V (see Note 14 and Figure 4)
MIN
MAX
UNIT
tsu
Setup time, bused signals valid to PCLK (see Note 16)
7
ns
tsu(PTP)
Setup time to PCLK—point-to-point (see Note 16)
10, 12
ns
th
Hold time, input from PCLK
0
ns
tc
Cycle time, PCLK (see Note 17)
30
500
ns
tw(H)
Pulse duration, PCLK high
12
ns
tw(L)
Pulse duration, PCLK low
12
ns
tslew
Slew rate, PCLK (see Note 18)
1
4
V/ns
NOTES: 14. Some of the timing symbols in this table currently are not listed with EIA or JEDEC standards for semiconductor symbology, but are
consistent with the PCI Local-Bus Specification, Revision 2.0.
16. PREQ and PGNT are point-to-point signals, and have different output valid delay and input setup times than do bused signals. PGNT
has a setup time of 10 ns; PREQ has a setup time of 12 ns. All other signals are bused.
17. As a requirement for frame transmission /reception, the minimum PCLK frequency varies with network speed. The clock can only
be stopped in a low state.
18. Rise and fall times are specified in terms of the edge rate measured in V/ns. This slew rate must be met across the minimum
peak-to-peak portion of the clock waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com