Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110 Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETE110
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETE110 Datasheet HTML 10Page - Texas Instruments TNETE110 Datasheet HTML 11Page - Texas Instruments TNETE110 Datasheet HTML 12Page - Texas Instruments TNETE110 Datasheet HTML 13Page - Texas Instruments TNETE110 Datasheet HTML 14Page - Texas Instruments TNETE110 Datasheet HTML 15Page - Texas Instruments TNETE110 Datasheet HTML 16Page - Texas Instruments TNETE110 Datasheet HTML 17Page - Texas Instruments TNETE110 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ThunderLAN
™ TNETE110
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS018B – MARCH 1995 - REVISED MAY 1996
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage (unless otherwise noted)
(physical layer pins) (continued)
AUI receiver input (ARCVP, ARCVN, ACOLP, ACOLN)
PARAMETER
JEDEC SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
V(SQ)
Input squelch threshold
To activate
See Note 12,
20 ns < X < 35 ns
– 325
– 100
mV
V(SQ)
Input squelch threshold
Not to activate
– 100
0
mV
NOTES: 12. This parameter is a range that is allowed to vary over operating conditions. The reference point for the timing period is from the input
pair reaching –175 mV on the falling edge to reaching –175 mV on the rising edge.
AUI transmitter drive characteristics (AXMTP, AXMTN)
PARAMETER
JEDEC SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VO(DIFF)1
Differential output voltage
VOD(1)
See Note 13
"500 "1315
mV
VOI(DIFF)
Output idle differential voltage
VOD(IDLE)
"40†
mV
VOI(DIFF)U
Output differential undershoot
VOD(IDLE)U
100‡
mV
IO(FC)
Output current, fault condition
IO(FC)
150‡
mA
† Assured by design
‡ Characterized but not tested
NOTE 13: The differential voltage is measured as per Figure 3(b) on page 16.
phase-locked loop (PLL) characteristics
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VFILT Reference PLL operating filter voltage
tc(FXTL1) = 50 ns
0.8
2
V
crystal oscillator characteristics
PARAMETER
JEDEC SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VSB(FXTL1) Input self-bias voltage
VIB
1.8
4
V
IOH(FXTL2)
High-level output current
IOH
V(FXTL2) = VSB(FXTL1)
V(FXTL1) = VSB(FXTL1) + 0.5 V
– 2.5
– 6.5
mA
IOL(FXTL2)
Low-level output current
IOL
V(FXTL2) = VSB(FXTL1)
V(FXTL1) = VSB(FXTL1) – 0.5 V
0.4
1.3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com